Electronic Components Datasheet Search
  English  ▼

X  

LT3922 Datasheet(PDF) 16 Page - Analog Devices

Part # LT3922
Description  60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3922 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3922 Datasheet HTML 12Page - Analog Devices LT3922 Datasheet HTML 13Page - Analog Devices LT3922 Datasheet HTML 14Page - Analog Devices LT3922 Datasheet HTML 15Page - Analog Devices LT3922 Datasheet HTML 16Page - Analog Devices LT3922 Datasheet HTML 17Page - Analog Devices LT3922 Datasheet HTML 18Page - Analog Devices LT3922 Datasheet HTML 19Page - Analog Devices LT3922 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LT8393
16
Rev. A
For more information www.analog.com
OPERATION
the cycle. Switches C and D will alternate, behaving like a
typical synchronous boost regulator.
Figure 7. Peak-Boost in Boost Region (VIN << VOUT)
A
B
C
100% ON
100% OFF
D
IL
A+D
A+C
A+D
A+C
8393 F07
Main Control Loop
The LT8393 is a fixed frequency current mode control-
ler. The inductor current is sensed through the inductor
sense resistor between the LSP and LSN pins. The current
sense voltage is gained up by amplifier A1 and added to
a slope compensation ramp signal from the internal os-
cillator. The summing signal is then fed into the positive
terminals of the buck current comparator A3 and boost
current comparator A4. The negative terminals of A3 and
A4 are controlled by the voltage on the VC pin, which is
the diode-OR of error amplifiers EA1 and EA2.
Depending on the state of the peak-buck peak-boost cur-
rent mode control, either the buck logic or the boost logic
is controlling the four power switches so that either the
FB voltage is regulated to 1V or the current sense voltage
between the ISP and ISN pins is regulated by the CTRL
pin during normal operation. The gains of EA1 and EA2
have been balanced to ensure smooth transition between
constant-voltage and constant-current operation with the
same compensation network.
Light Load Current Operation
At light load, the LT8393 typically still runs at its full
switching frequency in either continuous conduction
modeordiscontinuousconductionmodebecauseboththe
buck and boost reverse current sense thresholds are set
to –4mV. The negative reverse current sense thresholds
allow a small amount of energy flowing from the output
to the input on every cycle, thereby preventing the pulse-
skip frequency from going below 100Hz, which causes
the LED string to flicker.
In the buck region, switch B is turned off whenever the
buck reverse current threshold is triggered during the
“B+D” phase. In the boost region, switch D is turned off
whenever the boost reverse current threshold is triggered
duringthe“A+D”phase.Inthebuck-boostregion,switchD
is turned off whenever the boost reverse current threshold
is triggered during the “A+D” phase, and both switches B
and D are turned off whenever the buck reverse current
threshold is triggered during the “B+D” phase.
However, when a smaller value inductor is used and the
inductor current ripple is bigger, the LT8393 may run in
pulse-skip mode, where the switches are held off for mul-
tiple cycles (i.e., skipping pulses) to maintain regulation.
Internal Charge Path
Each of the two top MOSFET drivers is biased from its
floating bootstrap capacitor, which is normally recharged
byINTVCCthroughboththeexternalandinternalbootstrap
diodes when the top MOSFET is turned off. When the
LT8393 operates exclusively in the buck or boost regions,
oneofthetopMOSFETsisconstantlyon.Aninternalcharge
path, from VOUT and BST2 to BST1 or from VIN and BST1
to BST2, charges the bootstrap capacitor to 4.6V so that
the top MOSFET can be kept on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com