Electronic Components Datasheet Search
  English  ▼

X  

LT3922 Datasheet(PDF) 23 Page - Analog Devices

Part # LT3922
Description  60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3922 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT3922 Datasheet HTML 19Page - Analog Devices LT3922 Datasheet HTML 20Page - Analog Devices LT3922 Datasheet HTML 21Page - Analog Devices LT3922 Datasheet HTML 22Page - Analog Devices LT3922 Datasheet HTML 23Page - Analog Devices LT3922 Datasheet HTML 24Page - Analog Devices LT3922 Datasheet HTML 25Page - Analog Devices LT3922 Datasheet HTML 26Page - Analog Devices LT3922 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LT8393
23
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
To prevent maximum junction temperature from being
exceeded, the input supply current must be checked op-
erating in continuous mode at maximum VIN.
Top Gate MOSFET Driver Supply (CBST1, CBST2)
The top MOSFET drivers, TG1 and TG2, are driven between
their respective SW and BST pin voltages. The boost volt-
ages are biased from floating bootstrap capacitors CBST1
and CBST2, which are normally recharged through both the
external and internal bootstrap diodes when the respec-
tive top MOSFET is turned off. External bootstrap diode is
required (no internal bootstrap diode) for boost side and
optional for buck side. External bootstrap diodes are rec-
ommended because the internal bootstrap diodes are not
always strong enough to refresh top MOSFETs at 2MHz.
Both capacitors are charged to the same voltage as the
INTVCCvoltage.ThebootstrapcapacitorsCBST1andCBST2,
need to store about 100 times the gate charge required by
the top switches A and D. In most applications, a 0.1µF to
0.47µF, X5R or X7R dielectric capacitor is adequate.
Programming VIN UVLO
A resistor divider from VINtotheEN/UVLOpinimplements
VIN undervoltage lockout (UVLO). The EN/UVLO enable
falling threshold is set at 1.220V with 10mV hysteresis. In
addition, the EN/UVLO pin sinks 2.5µA when the voltage
on the pin is below 1.220V. This current provides user
programmable hysteresis based on the value of R1. The
programmable UVLO thresholds are:
VIN(UVLO+) =1.233V•
R1+R2
R2
+2.5µA•R1
VIN(UVLO−) =1.220V•
R1+R2
R2
Figure12showstheimplementationofexternalshut-down
control while still using the UVLO function. The NMOS
grounds the EN/UVLO pin when turned on, and puts the
LT8393 in shutdown with quiescent current less than 2µA.
Programming LED Current
The LED current is programmed by placing an appropriate
value current sense resistor, RLED, in series with the LED
string. The voltage drop across RLED is (Kelvin) sensed
Figure 12. VIN Undervoltage Lockout (UVLO)
LT8393
GND
EN/UVLO
R1
RUN/STOP
CONTROL
(OPTIONAL)
R2
VIN
8393 F12
by the ISP and ISN pins. The CTRL pin should be tied to
a voltage higher than 1.35V to get the full-scale 100mV
(typical) threshold across the sense resistor. The CTRL
pin can be used to dim the LED current to zero, although
relative accuracy decreases with the decreasing sense
threshold. When the CTRL pin voltage is less than 1.15V,
the LED current is:
ILED =
VCTRL−250mV
10•RLED
where VCTRL is the CTRL pin voltage. When VCTRL is be-
tween 1.15V and 1.35V, the LED current varies with the
VCTRL, but departs from the equation above by an increas-
ing amount as VCTRL increases. Ultimately, when VCTRL >
1.35V, the LED current no longer varies. The typical VCTRL
threshold vs VCTRL is listed in Table 2.
Table 2. V(ISP-ISN) Threshold vs VCTRL
VCTRL (V)
V(ISP-ISN) (mV)
1.15
90
1.20
94.5
1.25
98
1.30
99.5
1.35
100
When VCTRL is higher than 1.35V, the LED current is
regulated to:
ILED =
100mV
RLED
The CTRL pin should not be left open (tie to VREF if not
used). The CTRL pin can also be used in conjunction with
a thermistor to provide overtemperature protection for the
LED load, or with a resistor divider to VIN to reduce output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com