Electronic Components Datasheet Search
  English  ▼

X  

LTC3310 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC3310
Description  5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3310 Datasheet(HTML) 1 Page - Analog Devices

  LTC3310 Datasheet HTML 1Page - Analog Devices LTC3310 Datasheet HTML 2Page - Analog Devices LTC3310 Datasheet HTML 3Page - Analog Devices LTC3310 Datasheet HTML 4Page - Analog Devices LTC3310 Datasheet HTML 5Page - Analog Devices LTC3310 Datasheet HTML 6Page - Analog Devices LTC3310 Datasheet HTML 7Page - Analog Devices LTC3310 Datasheet HTML 8Page - Analog Devices LTC3310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC3311S
1
Rev. A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
The LTC®3311S is a very small, low noise, monolithic
step-down DC/DC converter capable of providing up to
12.5A of output current from a 2.25V to 5.5V input supply.
The device employs Silent Switcher 2 architecture with
internal hot loop bypass capacitors to achieve both low
EMI and high efficiency at switching frequencies as high
as 5MHz. For systems with higher power requirements,
multi-phasing parallel converters is readily implemented.
The LTC3311S uses a constant frequency, peak current
mode control architecture for fast transient response. A
500mV reference allows for low voltage outputs. 100%
duty cycle operation delivers low drop out.
Other features include a power good signal when the
output is in regulation, precision enable threshold, output
overvoltage protection, thermal shutdown, a temperature
monitor, clock synchronization, mode selection and
output short circuit protection. The device is available in
a compact 18-lead 3mm × 3mm LQFN package.
1.2V 12.5A Step-Down Converter
Efficiency vs Load Current
APPLICATIONS
n
Pin Compatible with LTC3310/LTC3310S and LTC3311
n
Silent Switcher®2 Architecture:
Ultralow EMI Emissions
n
High Efficiency—4.5mΩ NMOS & 16mΩ PMOS
n
Wide Bandwidth, Fast Transient Response
n
Safely Tolerates Inductor Saturation in Overload
n
VIN Range: 2.25V to 5.5V
n
VOUT Range: 0.5V to VIN
n
VOUT Accuracy: ±1% with Remote Sense
n
Peak Current Mode Control
n
Minimum On-Time: 35ns
n
Programmable Frequency to 5MHz
n
Shutdown Current: 1µA
n
Precision 400mV Enable Threshold, 1μA in Shutdown
n
Output Soft-Start with Voltage Tracking
n
Power Good Output
n
Die Temperature Monitor
n
Configurable for Paralleling Power Stages in Forced
Continuous Mode
n
Thermally Enhanced 3mm × 3mm LQFN Package
n
AEC-Q100 Qualified for Automotive Applications
n
Automotive/Industrial/Communications
n
Servers, Telecom Power Supplies
n
Distributed DC Power Systems (POL)
n
FPGA, ASIC, µP Core Supplies
All registered trademarks and trademarks are the property of their respective owners.
3311S TA01a
140k
47µF
×3
100k
VOUT
1.2V
12.5A
6.8pF
274k
22µF
22µF
0.1µF
SW
FB
AGND
RT
EN
MODE/SYNC
PGOOD
SSTT
ITH
15k
470pF
VIN
VIN
3.0V to 5.5V
PGND
LTC3311S
100nH
fSW = 2MHz Wurth HCM5030 74435030010
EFFICIENCY
POWER LOSS
VIN = 3.3V
VOUT = 1.2V
fOSC = 2MHz
(A)
0
1
3
4
5
7
8
9 10 12 13
0
10
20
30
40
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
Efficiency vs Load Current
3311S TA01b
5V, 12.5A Synchronous Step-Down
Silent Switcher 2 in 3mm x 3mm LQFN


Similar Part No. - LTC3310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC3310 AD-LTC3310 Datasheet
2Mb / 26P
5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
LTC3310 AD-LTC3310 Datasheet
1Mb / 22P
8V, 16A Synchronous Step-Down Silent Switcher 2
LTC3310 AD-LTC3310 Datasheet
2Mb / 28P
5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
Rev. 0
LTC3310 AD-LTC3310 Datasheet
1Mb / 28P
5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
Rev. 0
LTC3310 AD-LTC3310 Datasheet
2Mb / 26P
5V, Dual 4A/Dual-Phase 8A Step-Down DC/DC Regulator in 2.2mm × 2.7mm WLCSP
Rev. 0
More results

Similar Description - LTC3310

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LT8642S LINER-LT8642S Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher 2
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LTC3310S AD-LTC3310S Datasheet
2Mb / 32P
5V, 10A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
03/20-REV.C
LTC3307A AD-LTC3307A Datasheet
3Mb / 26P
5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
11/19-REV.A
LTC3311 AD-LTC3311 Datasheet
2Mb / 26P
5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
LT8644S AD-LT8644S Datasheet
1Mb / 22P
8V, 16A Synchronous Step-Down Silent Switcher 2
LTC3313 AD-LTC3313 Datasheet
1Mb / 28P
5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com