Electronic Components Datasheet Search
  English  ▼

X  

LTC3310 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC3310
Description  5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3310 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC3310 Datasheet HTML 9Page - Analog Devices LTC3310 Datasheet HTML 10Page - Analog Devices LTC3310 Datasheet HTML 11Page - Analog Devices LTC3310 Datasheet HTML 12Page - Analog Devices LTC3310 Datasheet HTML 13Page - Analog Devices LTC3310 Datasheet HTML 14Page - Analog Devices LTC3310 Datasheet HTML 15Page - Analog Devices LTC3310 Datasheet HTML 16Page - Analog Devices LTC3310 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC3311S
13
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
The second method to set the LTC3311S switching fre-
quency is by synchronizing the internal PLL circuit to an
external frequency applied to the MODE/SYNC pin. The
synchronization frequency range is 0.5MHz to 2.25MHz.
The internal PLL starts up at the 2MHz default frequency.
After detecting an external clock on the first rising edge
of the MODE/SYNC pin, the internal PLL gradually adjusts
its operating frequency to match the frequency and phase
of the MODE/SYNC signal.
The LTC3311S detects when the external clock is removed
and will gradually adjust its operating frequency to the
2MHz default frequency. The LTC3311S operates in forced
continuous mode when synchronized to an external clock.
The third method of setting the LTC3311S switching fre-
quency is to use the internal nominal 2MHz default clock.
See Table 4 for pin configuration.
Inductor Selection and Maximum Output Current
Considerations in choosing an inductor are inductance,
RMS current rating, saturation current rating, DCR and
core loss.
A good first choice for the inductor value is:
L
VOUT
4A • fSW
• 1
VOUT
VIN MAX
(
)
for
VOUT
VIN MAX
(
)
0.5
(4)
L
0.25 • VIN MAX
(
)
4A • fSW
for
VOUT
VIN MAX
(
)
> 0.5
(5)
where fSW is the switching frequency in MHz, VIN is the
input voltage and L is the inductor value in μH.
To avoid overheating of the inductor, choose an inductor
with an RMS current rating that is greater than the maxi-
mum expected output load of the application. Overload
and short circuit conditions may need to be taken into
consideration.
In addition, the saturation current (ISAT) rating of the
inductor must be higher than the load current plus 1/2 of
the inductor ripple current:
ISAT ≥ILOAD MAX
(
) +
1
2
∆IL
(6)
where ILOAD(MAX) is the maximum output load current for
a given application and ΔIL is the inductor ripple current
calculated as:
∆IL =
VOUT
L • fSW
• 1–
VOUT
VIN(MAX)
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
(7)
where VIN(MAX) is the maximum application input voltage.
To keep the efficiency high, choose an inductor with the
lowest series resistance (DCR). The core material should
be intended for high frequency applications.
The LTC3311S limits the peak switch current in order
to protect the switches and the system from overload
faults. The inductor value must then be sufficiently large
to supply the desired maximum output current, IOUT(MAX),
which is a function of the switch current limit, ILIM, and
the ripple current.
IOUT MAX
(
) = ILIM – ΔIL
(8)
Therefore, the maximum output current that the LTC3311S
will deliver depends on the switch current limit, the induc-
tor value, and the input and output voltages. The inductor
value may have to be increased if the inductor ripple cur-
rent does not allow sufficient maximum output current
(IOUT(MAX)) given the switching frequency, and maximum
input voltage used in the desired application.
Table 2. Inductor Manufacturers
VENDOR
URL
Coilcraft
www.coilcraft.com
Sumida
www.sumida.com
Toko
www.toko.com
Wurth Elektronik
www.we-online.com
Vishay
www.vishay.com
XFMRS
www.xfmrs.com
Input Capacitors
Bypass the input of the LTC3311S with at least two bulk
storage ceramic capacitors close to the part, one on each
side from VIN to PGND. These capacitors should be 0603
or 0805 in size. See layout section for more detail. X7R or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com