Electronic Components Datasheet Search
  English  ▼

X  

LTC3310 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC3310
Description  5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3310 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC3310 Datasheet HTML 13Page - Analog Devices LTC3310 Datasheet HTML 14Page - Analog Devices LTC3310 Datasheet HTML 15Page - Analog Devices LTC3310 Datasheet HTML 16Page - Analog Devices LTC3310 Datasheet HTML 17Page - Analog Devices LTC3310 Datasheet HTML 18Page - Analog Devices LTC3310 Datasheet HTML 19Page - Analog Devices LTC3310 Datasheet HTML 20Page - Analog Devices LTC3310 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTC3311S
17
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
LTC3311S when the output of the other regulator reaches
a predetermined level.
Output Voltage Tracking and Soft-Start
The LTC3311S allows the user to program its output volt-
age ramp rate by means of the SSTT pin.
An internal 10μA pulls up the SSTT pin. Putting an external
capacitor on SSTT enables soft-starting the output to pre-
vent current surge on the input supply and output voltage
overshoot. During the soft-start ramp, the output volt-
age will proportionally track the SSTT pin voltage. When
the soft-start is complete, the pin will servo to a voltage
proportional to the LTC3311S junction temperature. See
Figure 3 showing the SSTT pin operating range.
The soft-start time is calculated as follows:
tSS = CSS •
500mV
10µA
(10)
For output tracking applications, SSTT can be externally
driven by another voltage source. From 0V to 0.5V, the
SSTT voltage will override the internal 0.5V reference
input to the error amplifier, thus regulating the FB pin
voltage to that of SSTT pin. When SSTT is above 0.5V,
tracking is disabled and the feedback voltage will regulate
to the internal reference voltage
An active pull-down circuit is connected to the SSTT pin
to discharge the external soft-start capacitor in the case
of fault conditions. The ramp will restart when the fault is
cleared. Fault conditions that clear the soft-start capacitor
are the EN/UV pin transitioning low, VIN voltage falling too
low or thermal shutdown.
Temperature Monitor
Once the soft-start cycle has completed and the output
power good flag thrown, the SSTT pin reports the die
junction temperature. The LTC3311S regulates the SSTT
pin to a voltage proportional to the junction temperature.
While reporting the temperature, the SSTT voltage is not
valid below 1V. The junction temperature is calculated
with the following formula:
TJ (°C)=
VSSTT
4mV
– 273
The following procedure is used for a more accurate mea-
surement of the junction temperature:
1. Measure the ambient temperature TA.
2. Measure the SSTT voltage while in pulse skip mode
with the VOUT pulled up slightly higher than the
regulated VOUT.
3. Calculate the slope of the temperature sensing circuit
as follows:
Slope (mV /
°C)=
VSSTT
TA +273
4. Calculate the junction temperature with the new cali-
brated slope.
When the output voltage goes out of regulation and the
power good pin is pulled low, the soft-start pin no longer
reports the temperature.
Figure 3. Soft-Start and Temperature Monitor Operation
0
DIE TEMP
(°C)
FB
(V)
150
0.1
125
75
0.6
0.3
100
50
0.5
25
0.4
0.2
0
0.5
1.5
0.6
1.6
0.3
1.3
3311S F03
1.7
0.4
1.4
0.2
1.2
0.1
SSTT (V)
TEMP
MONITOR
~4mV/°C
SSTT PIN VOLTAGE
OPERATING RANGE
SOFT-START
AND TRACKING
Output Power Good
When the LTC3311S’s output voltage is within the
–2/+10% window of the nominal regulation voltage the
output is considered good and the open-drain PGOOD pin
goes high impedance and is typically pulled high with an
external resistor. Otherwise, the internal pull-down device
will pull the PGOOD pin low. To prevent glitching both the
upper and lower thresholds, include 1% of hysteresis as
well as a built in time delay, typically 125µs. The PGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com