Electronic Components Datasheet Search
  English  ▼

X  

LTC3310 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC3310
Description  5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3310 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC3310 Datasheet HTML 16Page - Analog Devices LTC3310 Datasheet HTML 17Page - Analog Devices LTC3310 Datasheet HTML 18Page - Analog Devices LTC3310 Datasheet HTML 19Page - Analog Devices LTC3310 Datasheet HTML 20Page - Analog Devices LTC3310 Datasheet HTML 21Page - Analog Devices LTC3310 Datasheet HTML 22Page - Analog Devices LTC3310 Datasheet HTML 23Page - Analog Devices LTC3310 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC3311S
20
Rev. A
For more information www.analog.com
TYPICAL APPLICATIONS
Dual Phase 5V to 3.3V, 25A, Forced Continuous Mode
LTC3311S
LTC3311S
3311S TA02
VOUT
3.3V
25A
PGOOD
SW
FB
RT
EN
PGOOD
SW
FB
RT
EN
MODE/SYNC
SSTI
ITH
22µF
x3
47µF
NC
22µF
x3
47µF
0.22µF
0.22µF
0.22µF
4.7pF
1µF
1µF
47µF
47µF
0.22µF
1.0pF
1.0pF
200nH
PGOOD
200nH
10k
1M
100k
390pF
0.1µF
PGOOD
VIN
VIN
4.5V TO 5.5V
PGND
AGND
SSTT
VIN
VIN
VIN
PGND
AGND
274k
100k
48.7k
274k
180°
L = COILCRAFT, XEL4030-201ME
MODE/SYNC
ITH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com