Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 42 Page - Analog Devices

Part # LTM4700
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTM4700 Datasheet HTML 38Page - Analog Devices LTM4700 Datasheet HTML 39Page - Analog Devices LTM4700 Datasheet HTML 40Page - Analog Devices LTM4700 Datasheet HTML 41Page - Analog Devices LTM4700 Datasheet HTML 42Page - Analog Devices LTM4700 Datasheet HTML 43Page - Analog Devices LTM4700 Datasheet HTML 44Page - Analog Devices LTM4700 Datasheet HTML 45Page - Analog Devices LTM4700 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 110 page
background image
LTC3888-1
42
Rev. 0
For more information www.analog.com
PMBUS COMMAND SUMMARY
Table 7. PMBus Command Summary
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
SEE
PAGE
VIN_OV_FAULT_LIMIT
0x55 VIN overvoltage fault limit.
R/W Word
N
L11
V
l
15.5V
0xD3E0
78
VIN_OV_FAULT_RESPONSE
0x56 VIN overvoltage fault response.
R/W Byte
Y
Reg
l
0x80
96
VIN_UV_WARN_LIMIT
0x58 VIN undervoltage warning limit.
R/W Word
N
L11
V
l
6.3V
0xCB26
78
TON_DELAY
0x60 Delay from RUN pin or OPERATION on
command to VOUT ramp start.
R/W Word
Y
L11
ms
l
0.0ms
0x8000
83
TON_MAX_FAULT_LIMIT
0x62 Maximum time allowed for VOUT to rise
above VOUT_UV_FAULT_LIMIT after
TON_DELAY.
R/W Word
Y
L11
ms
l
10.0ms
0xD280
84
TON_MAX_FAULT_RESPONSE 0x63 Fault response when TON_MAX_FAULT_
LIMIT is exceeded.
R/W Byte
Y
Reg
l
0xB8
98
TOFF_DELAY
0x64 Delay from RUN pin or OPERATION off
command to TOFF_FALL ramp start.
R/W Word
Y
L11
ms
l
0.0ms
0x8000
84
STATUS_BYTE
0x78 One-byte channel status summary.
R/W Byte
Y
Reg
86
STATUS_WORD
0x79 Two-byte channel status summary.
R/W Word
Y
Reg
87
STATUS_VOUT
0x7A VOUT fault and warning status.
R/W Byte
Y
Reg
87
STATUS_IOUT
0x7B IOUT fault and warning status.
R/W Byte
Y
Reg
88
STATUS_INPUT
0x7C Input supply fault and warning status.
R/W Byte
N
Reg
88
STATUS_ TEMPERATURE
0x7D External temperature fault and warning
status.
R/W Byte
Y
Reg
88
STATUS_CML
0x7E Communication, memory and logic fault
and warning status.
R/W Byte
N
Reg
89
STATUS_MFR_ SPECIFIC
0x80 IC-specific status.
R/W Byte
Y
Reg
89
READ_VIN
0x88 Measured VIN.
R Word
N
L11
V
92
READ_VOUT
0x8B Measured VOUT.
R Word
Y
L16
V
93
READ_IOUT
0x8C Measured IOUT.
R Word
Y
L11
A
93
READ_TEMPERATURE_1
0x8D Measured external temperature.
R Word
Y
L11
°C
94
READ_TEMPERATURE_2
0x8E Measured internal temperature.
R Word
N
L11
°C
94
READ_FREQUENCY
0x95 Measured PWM input clock frequency.
R Word
Y
L11
kHz
94
PMBUS_REVISION
0x98 Supported PMBus version.
R Byte
N
Reg
0x22
V1.2
69
MFR_ID
0x99 Manufacturer identification.
R String
N
ASC
LTC
104
IC_DEVICE_ID
0xAD LTC3888-1 model number.
R String
N
ASC
LTC3888-1
104
Commands for Digital Output Voltage Control (See Applications Information or PMBus Command for Details)
VOUT_MODE
0x20 Voltage-related format (Linear) and
exponent.
R Byte
Y
Reg
0x14
2–12
82
VOUT_COMMAND
0x21 Default Nominal VFB regulation. Nominal
VOUT value when VOUT_SCALE_LOOP
is defined.
R/W Word
Y
L16
V
l
400mV
0x0666
82
VOUT_MAX
0x24 Maximum VOUT capability.
R Word
Y
L16
V
1.1V
0x119A
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com