Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4700
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 1 Page - Analog Devices

  LTM4700 Datasheet HTML 1Page - Analog Devices LTM4700 Datasheet HTML 2Page - Analog Devices LTM4700 Datasheet HTML 3Page - Analog Devices LTM4700 Datasheet HTML 4Page - Analog Devices LTM4700 Datasheet HTML 5Page - Analog Devices LTM4700 Datasheet HTML 6Page - Analog Devices LTM4700 Datasheet HTML 7Page - Analog Devices LTM4700 Datasheet HTML 8Page - Analog Devices LTM4700 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
LTC3888-1
1
Rev. 0
For more information www.analog.com
Document Feedback
VIN = 12V
at 500kHz
0.6V
0.8V
1.0V
1.8V
LOAD CURRENT (A)
0
80
160
240
320
400
70
75
80
85
90
95
100
(8–Phase Using LTC7051)
Efficiency vs Load Current
3888-1 G01
TYPICAL APPLICATION
FEATURES
DESCRIPTION
The LTC®3888-1 is a PMBus-compliant dual loop DC/DC
synchronous step-down switching regulator controller
with eight expandable phases supporting a wide range of
master/slave configurations. The controller uses constant
frequency current mode architecture to provide excellent
transient response and output regulation. Each PWM
master is capable of producing output voltages from 0.3V
to 3.45V with multiple phase configurations using DrMOS
devices that provide an output current monitor.
Output voltage is set with an external voltage divider.
PMBus configuration and monitoring is supported by
LTpowerPlay™ software. Programmable loop compen-
sation and built-in load step emulation facilitate setting
bandwidth based on input voltage and output load capaci-
tance. PMBus commands allow read back of input volt-
age, output voltage and current, and operating status.
Operating parameters can be set via PMBus command or
stored in internal EEPROM for use at power up. Switching
frequency, phase configuration, output current limit and
device address can also be set using external program-
ming resistors.
Efficiency vs Load Current
(8-Phase Using LTC7051)
APPLICATIONS
n
PMBus/I2C Compliant Serial Interface
n
Monitor Voltage, Current, Temperature and Faults
n
Digitally Program VOUT, Margins, UV, OV, Current
Limit, Soft-Start/Stop and Sequencing
n
Expandable to >16 Phases
n
External Resistor Divider Programs Output Voltage
n
4.5V ≤ VIN ≤ 26.5V, 0.3V ≤ VOUT ≤ 3.45V
n
±0.5% Output Voltage Accuracy
n
Programmable PWM Loop Compensation
n
Accurate PolyPhase® Current Sharing
n
Internal EEPROM with ECC and Fault Logging
n
DrMOS Output Current Monitor Interface
n
DrMOS Temperature/Fault Bus Interface
n
DrMOS Gate Drive Supply Monitor
n
Load Step Emulation
n
Internal or External PWM Clock from 250kHz to 1MHz
n
52-Pin (5mm
× 8mm) QFN Package
n
AEC-Q100 Qualified for Automotive Applications
n
High Current Distributed Power Systems
n
Servers, Network and Storage Equipment
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents, including 7420359, 8786265, 8786268 and 8823352. Licensed under U.S.
Patent 7000125 and other related patents worldwide.
SPI
ADJUST
OF VOUT
VOUT SET BY
ANALOG VFB
PMBus
CONTROL
OF VOUT
OPTIONAL
COMPENSATION
ZERO
LTC3888
•
•
LTC3888-1
•
•
•
LTC3888-2
•
•
LTC3888-1
PWM1
1µF
TSNS1
FAULT0
FAULT1
GND
388812 TA01a
VDD33
VIN 5V TO 24V
(NOMINAL)
VOUT1
0.4V TO
3.45V
AT 120A
VOUT0
0.4V TO
3.45V
AT 120A
ISENSE1
IREF
VIN
INTVCC
NOTE: SOME DETAILS OMITTED FOR CLARITY
ONLY TWO OF EIGHT CHANNELS SHOWN
ITH1
1µF
ITHR1
RUN0
RUN1
SHARE_CLK
VSENSE1+
VSENSE1–
DAOUT1
VFB1
SYNC
PWM0
TSNS0
PGOOD1
VDD25
ISENSE0
ITH0
ITHR0
SCL
SDA
ALERT
VSENSE0+
VSENSE0–
DAOUT0
VFB0
PGOOD0
POWER STAGE
SW
GND
VIN
PWM
IREF
TEMP
PSM
SHARED
PINS
PMBus
IMON
POWER STAGE
SW
GND
VIN
PWM
IREF
TEMP
IMON
100pF
2200pF
4.7µF
2.2µF
1µF
100pF
2200pF
Dual Loop 8-Phase Step-Down DC/DC
Controller with Digital Power System Management
Dual 4-phase PSM Rails


Similar Part No. - LTM4700

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4700 AD-LTM4700 Datasheet
3Mb / 132P
Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
LTM4700 AD-LTM4700 Datasheet
6Mb / 114P
2-Channel 짹60V Power System Manager
LTM4700 AD-LTM4700 Datasheet
1Mb / 38P
Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
LTM4700 AD-LTM4700 Datasheet
1Mb / 26P
Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
LTM4700 AD-LTM4700 Datasheet
6Mb / 138P
30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
More results

Similar Description - LTM4700

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3883 LINER-LTC3883 Datasheet
1Mb / 112P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3880 LINER-LTC3880_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3880-1 LINER-LTC3880-1_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3883 LINER-LTC3883_15 Datasheet
1Mb / 112P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3883-1 LINER-LTC3883-1_15 Datasheet
1Mb / 112P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3880EUJ LINER-LTC3880EUJ Datasheet
3Mb / 14P
3-Phase Step-Down DC/DC Controller with Power System Management
LTC3886IUKG LINER-LTC3886IUKG Datasheet
3Mb / 26P
60V Dual Output Step-Down DC/DC Controller with Digital Power System Management
LTC3887EUJ LINER-LTC3887EUJ Datasheet
1Mb / 14P
Step-Down DC/DC Controller with Digital Power System Management
logo
Analog Devices
LTC3883 AD-LTC3883 Datasheet
1Mb / 116P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
09/19-REV.F
LTC3888 AD-LTC3888 Datasheet
3Mb / 118P
Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com