Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM4700
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM4700 Datasheet HTML 2Page - Analog Devices LTM4700 Datasheet HTML 3Page - Analog Devices LTM4700 Datasheet HTML 4Page - Analog Devices LTM4700 Datasheet HTML 5Page - Analog Devices LTM4700 Datasheet HTML 6Page - Analog Devices LTM4700 Datasheet HTML 7Page - Analog Devices LTM4700 Datasheet HTML 8Page - Analog Devices LTM4700 Datasheet HTML 9Page - Analog Devices LTM4700 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 110 page
background image
LTC3888-1
6
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Supply
VIN
VIN Operating Range
l
4.5
26.5
V
IQ
IC Operating Current
RUN0,1 = 0V
RUN0,1 = 3.3V, CPWMn = 0pF
24
28
mA
mA
INTVCC Linear Regulator Supply
INTVCC
INTVCC Output Voltage
VIN ≥ 6V (Note 4)
5.2
V
EXTVCC
INTVCC Input Voltage Range
VIN = INTVCC (Note 4)
l
4.5
5.5
V
V5UVLO
PWM Undervoltage
Lockout Threshold
VDD33 Rising
Hysteresis
l
300
4.45
V
mV
VDD33 Linear Regulator Supply
VDD33
VDD33 Output Voltage
INTVCC ≥ 4.5V (Note 5)
l
3.15
3.3
3.45
V
V3UVLO
PMBus Undervoltage
Lockout Threshold
VDD33 Rising
Hysteresis
l
275
3.10
V
mV
VDD25 Linear Regulator
VDD25
VDD25 Output Voltage
(Note 7)
2.5
V
PWM Control Loops
VFB
Regulated Feedback Voltage
VOUT_SCALE_LOOP Not Programmed
400
mV
IFB
VFB Input Current
VFB = 0.4V
l
–100
100
nA
VOUT
Accuracy without Servo (Note 10)
Accuracy with Servo
(Notes 9, 10, See Test Circuit)
Servo Resolution
1V ≤ VOUT ≤ 3.45V
0.3V ≤ VOUT ≤ 3.45V
0.3V ≤ VOUT ≤ 3.45V
l
l
–1.5
–0.5
±0.2
12
1.5
0.5
%
%
%
Bits
RVSENSE
VSENSE Input Resistance
l
30
43.3
kΩ
VLINEREG
Line Regulation
6V ≤ VIN ≤ 24V (Note 10)
–0.02
0.02
%/V
VLOADREG
Load Regulation
ΔITHn = ±600mV (Note 10)
–0.1
0.1
%
gm
Resolution
Error Amplifier gm(MAX)
Error Amplifier gm(MIN)
LSB Step Size
ITH = 1.35V
3
5.76
1
0.68
Bits
mmho
mmho
mmho
RITH
Resolution (nonlinear) Compensation
Resistance RTH(MAX) Compensation
Resistance RTH(MIN)
5
62
1
Bits
kΩ
kΩ
ISHARE_TOL
Phase-to-Phase Output Current
Sharing Accuracy
ISENSEn – IREF ≥ 150mV
l
–6.5
±3
6.5
%
%
IISENSE
ISENSEn Input Current
1.5V ≤ ISENSEn ≤ 1.9V
l
–1
3
µA
VIREF
Current Monitor Reference Output
Voltage
IIREF = 3mA
(Note 6)
1.52
1.68
V
IIREF
IREF Output Current
Source, IREF ≥ 1.52V
Sink, IREF ≤ 1.68V
10
–500
µA
mA
fSYNC
SYNC Output Frequency Accuracy
l
–7.5
7.5
%
tON(MIN)
Minimum On-Time
MFR_PWM_MODE_LTC3888-1[3] = 1
MFR_PWM_MODE_LTC3888-1[3] = 0
l
30
21
60
ns
ns
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Notes 2, 8). VIN = 12V, VSENSEn+ = 1V, VSENSEn– = GND = 0V,
fSYNC = 500kHz (externally driven) unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com