Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM4700
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM4700 Datasheet HTML 20Page - Analog Devices LTM4700 Datasheet HTML 21Page - Analog Devices LTM4700 Datasheet HTML 22Page - Analog Devices LTM4700 Datasheet HTML 23Page - Analog Devices LTM4700 Datasheet HTML 24Page - Analog Devices LTM4700 Datasheet HTML 25Page - Analog Devices LTM4700 Datasheet HTML 26Page - Analog Devices LTM4700 Datasheet HTML 27Page - Analog Devices LTM4700 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 110 page
background image
LTC3888-1
24
Rev. 0
For more information www.analog.com
OPERATION
PWM phase relationships and frequency are independent
of each other, providing numerous application options.
Multiple LTC3888-1 ICs can be synchronized to real-
ize a PolyPhase array. Two LTC3888-1 devices can be
combined to expand phase count while maintaining ideal
phase separation of 360/n degrees, where n is the num-
ber of phases driving the output voltage rail. Refer to the
Applications Information section for additional details.
POLYPHASE LOAD SHARING
Multiple LTC3888-1 devices can be combined to provide
a balanced load-share solution by configuring the neces-
sary pins. The SHARE_CLK and SYNC pins of all load-
sharing ICs should be bussed together. Connecting the
SYNC pins synchronizes the PWM controllers with each
other. Bussing the SHARE_CLK pins together allows the
phases to start synchronously. Refer to the discussion in
the previous Power-Up and Initialization section. The last
device to see all start-up conditions satisfied controls the
initiation of power sequencing for all phases.
The outputs of multiple LTC3888-1 error amplifiers (ITH
pins) may be wired together in large PolyPhase applica-
tions if VOUT sensing for those channels is also shared.
The error amplifier of only one master phase can also be
designated for voltage control by redefining any remain-
ing master phases as slaves using bit 4 of MFR_PWM_
MODE_LTC3888-1. Additional details for properly con-
structing various PolyPhase designs are covered in the
Applications Information section.
VOLTAGE CONTROL LOOP COMPENSATION
Because the LTC3888-1 uses an operational transcon-
ductance amplifier (OTA) architecture for its error ampli-
fier, Type II compensation is most commonly applied for
stabilizing the voltage control loop. The LTC3888-1 offers
several programmable features for flexability in designing
and operating the PWM with optimum transient behavior
over a wide range of output capacitance without additional
hardware changes.
Bits[4:0] of MFR_PWM_COMP adjust an internal resis-
tor which can be used to set the dominant zero against
the primary compensation capacitance. This resistance
appears between the ITH and ITHR pins.
The transconductance of the error amplifier itself can also
be adjusted using bits[7:5] of MFR_PWM_COMP.
Both of these parameters can be modified when the device
is in operation, affording real-time evaluation of compen-
sation settings. Refer to the Applications Information sec-
ton for additional details related to loop compensation.
LOAD STEP EMULATION
Basic assembly integrity, PWM regulator loop response,
and passive component aging or thermal degredation
are best evaluated by analyzing load current transient
response. The LTC3888-1 features a flexible load step
emulation capability that allows in-situ transient response
evaluation without the need to actually generate and apply
large, regulated load current pulses at the regulator out-
put. These features can find use in the design, debug,
prototyping and preventative maintenence phases of a
product life cycle.
Load step emulation is controlled by MFR_LOAD_
EMULATION. All phases associated with each master
channel can be programmed to emulate a load step of
known amplitude (bits[1:0]). Bit 2 of the command deter-
mines whether the emulated load is applied as a con-
tinuous increase or as a 100μs pulse. Because internal
application of data from a PMBus command is an asyn-
chronous event, bit 3 of the command allows the PGOOD
output to be repurposed to provide a trigger at the actual
start of the emulated load step, if necessary.
INPUT SUPPLY MONITORING
The input supply voltage is sensed by the LTC3888-1 at
the VIN pin. Undervoltage, overvoltage, and valid on/off
levels can be programmed for VIN. Refer to the following
PMBus Command Details section for more information
on programming input supply thresholds. In addition, the
telemetry ADC monitors VIN relative to GND. Conversion
results are returned by READ_VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com