Electronic Components Datasheet Search
  English  ▼

X  

LTC7802 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC7802
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC7802 Datasheet HTML 7Page - Analog Devices LTC7802 Datasheet HTML 8Page - Analog Devices LTC7802 Datasheet HTML 9Page - Analog Devices LTC7802 Datasheet HTML 10Page - Analog Devices LTC7802 Datasheet HTML 11Page - Analog Devices LTC7802 Datasheet HTML 12Page - Analog Devices LTC7802 Datasheet HTML 13Page - Analog Devices LTC7802 Datasheet HTML 14Page - Analog Devices LTC7802 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LTC7802
11
Rev. 0
For more information www.analog.com
OPERATION
Main Control Loop
The LTC7802 is a dual synchronous step-down (buck)
controller utilizing a constant frequency, peak current
mode architecture. The two controller channels oper-
ate 180° out of phase which reduces the required input
capacitance and power supply induced noise. During nor-
mal operation, the external top MOSFET is turned on when
the clock for that channel sets the SR latch, causing the
inductor current to increase. The main switch is turned off
when the main current comparator, ICMP, resets the SR
latch. After the top MOSFET is turned off each cycle, the
bottom MOSFET is turned on which causes the inductor
current to decrease until either the inductor current starts
to reverse, as indicated by the current comparator IR, or
the beginning of the next clock cycle.
The peak inductor current at which ICMP trips and resets
the latch is controlled by the voltage on the ITH pin, which
is the output of the error amplifier EA. The error amplifier
compares the output voltage feedback signal at the VFB
pin, (which is generated with an external resistor divider
connected across the output voltage, VOUT, to ground) to
the internal 0.8V reference voltage. When the load current
increases, it causes a slight decrease in VFB relative to the
reference,which causes the EA to increase the ITH voltage
until the average inductor current matches the new load
current.
Power and Bias Supplies (VIN, EXTVCC, and INTVCC)
The INTVCC pin supplies power for the top and bottom
MOSFET drivers and most of the internal circuitry. LDOs
(low dropout linear regulators) are available from both the
VIN and EXTVCC pins to provide power to INTVCC, which
has a regulation point of 5.1V. When the EXTVCC pin is
left open or tied to a voltage less than 4.7V, the VIN LDO
supplies power to INTVCC. If EXTVCC is taken above 4.7V,
the VIN LDO is turned off and the EXTVCC LDO is turned
on. Once enabled, the EXTVCC LDO supplies power to
INTVCC. Using the EXTVCC pin allows the INTVCC power
to be derived from a high efficiency external source such
as one of the LTC7802 switching regulator outputs.
Each top MOSFET driver is biased from the floating boot-
strap capacitor CB, which normally recharges during each
cycle through an external diode when the switch voltage
goes low.
If the input voltage decreases to a voltage close to its
output, the loop may enter dropout and attempt to turn
on the top MOSFET continuously. The dropout detector
detects this and forces the top MOSFET off for a short
time every tenth cycle to allow CB to recharge, resulting in
a 99% duty cycle at 350kHz operation and approximately
98% duty cycle at 2MHz operation.
Start-Up and Shutdown (RUN and TRACK/SS Pins)
The two channels of the LTC7802 can be independently
shut down using the RUN1 and RUN2 pins. Pulling a RUN
pin below 1.1V shuts down the main control loop for that
channel. Pulling both RUN pins below 0.7V disables
both controllers and most internal circuits, including the
INTVCC LDOs. In this shutdown state, the LTC7802 draws
only 1.5μA of quiescent current.
The RUN pins may be externally pulled up or driven
directly by logic. Each pin can tolerate up to 40V (abso-
lute maximum), so it can be conveniently tied to VIN in
always-on applications where one or both controllers are
enabled continuously and never shut down. Additionally,
a resistive divider from VIN to a RUN pin can be used to
set a precise input undervoltage lockout so that the power
supply does not operate below a user adjustable level.
The start-up of each channel’s output voltage VOUT is con-
trolled by the voltage on the corresponding TRACK/SS
pin. When the voltage on the TRACK/SS pin is less than
the 0.8V internal reference voltage, the LTC7802 regulates
the VFB voltage to the TRACK/SS pin voltage instead of
the 0.8V reference voltage. This allows the TRACK/SS pin
to be used as a soft-start which smoothly ramps the out-
put voltage on start-up, thereby limiting the input supply
inrush current. An external capacitor from the TRACK/
SS pin to GND is charged by an internal 12.5μA pull-up
current, creating a voltage ramp on the TRACK/SS pin. As
(Refer to Functional Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com