Electronic Components Datasheet Search
  English  ▼

X  

LTC7802 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC7802
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC7802 Datasheet HTML 24Page - Analog Devices LTC7802 Datasheet HTML 25Page - Analog Devices LTC7802 Datasheet HTML 26Page - Analog Devices LTC7802 Datasheet HTML 27Page - Analog Devices LTC7802 Datasheet HTML 28Page - Analog Devices LTC7802 Datasheet HTML 29Page - Analog Devices LTC7802 Datasheet HTML 30Page - Analog Devices LTC7802 Datasheet HTML 31Page - Analog Devices LTC7802 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
LTC7802
28
Rev. 0
For more information www.analog.com
2. Are the signal and power grounds kept separate?
The combined IC ground pin and the ground return
of CINTVCC must return to the combined COUT (–) ter-
minals. The area of the “hot loop” formed by the top
N-channel MOSFET, bottom N-channel MOSFET and the
high frequency (ceramic) input capacitors, as shown
in Figure 8, should be minimized with short leads, pla-
nar connections, and multiple paralleled vias where
needed. The output capacitor (–) terminals should be
connected as close as possible to the (–) terminals of
the input capacitor.
3. Do the LTC7802 VFB pins’ resistive dividers connect to
the (+) terminals of COUT? The resistive divider must
be connected between the (+) terminal of COUT and
signal ground. Place the divider close to the VFB pin to
minimize noise coupling into the sensitive VFB node.
The feedback resistor connections should not be along
the high current input feeds from the input capacitor(s).
4. Are the SENSE– and SENSE+ leads routed together with
minimum PC trace spacing? Route these traces away
from the high frequency switching nodes, on an inner
layer if possible. The filter capacitor between SENSE+
and SENSE– should be as close as possible to the IC.
Ensure accurate current sensing with Kelvin connec-
tions at the sense resistor.
5. Is the INTVCC decoupling capacitor connected close
to the IC, between the INTVCC and the power ground
pin? This capacitor carries the MOSFET drivers’ cur-
rent peaks. An additional 1μF ceramic capacitor placed
immediately next to the INTVCC and GND pins can help
improve noise performance substantially. The boost
diodes should have separate routes directly to the
INTVCC capacitor near the IC, not shared with any sig-
nal connections to INTVCC.
APPLICATIONS INFORMATION
RL1
L1
SW1
RSENSE1
VOUT1
COUT1
VIN
CIN
RIN
RL2
BOLD LINES INDICATE
HIGH SWITCHING
CURRENT. KEEP LINES
TO A MINIMUM LENGTH.
L2
SW2
7802 F09
RSENSE2
VOUT2
COUT2
HOT
LOOP
HOT
LOOP
Figure 8. Branch Current Waveforms for Bucks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com