Electronic Components Datasheet Search
  English  ▼

X  

LTC7802 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC7802
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC7802 Datasheet HTML 13Page - Analog Devices LTC7802 Datasheet HTML 14Page - Analog Devices LTC7802 Datasheet HTML 15Page - Analog Devices LTC7802 Datasheet HTML 16Page - Analog Devices LTC7802 Datasheet HTML 17Page - Analog Devices LTC7802 Datasheet HTML 18Page - Analog Devices LTC7802 Datasheet HTML 19Page - Analog Devices LTC7802 Datasheet HTML 20Page - Analog Devices LTC7802 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
LTC7802
17
Rev. 0
For more information www.analog.com
Setting the Operating Frequency
Selection of the operating frequency is a trade-off between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values.
Operation at lower frequencies improves efficiency by
reducing gate charge and transition losses, but requires
larger inductance values and/or more output capacitance
to maintain low output ripple voltage.
In higher voltage applications transition losses contrib-
ute more significantly to power loss, and a good balance
between size and efficiency is generally achieved with a
switching frequency between 300kHz and 900kHz. Lower
voltage applications benefit from lower switching losses
and can therefore more readily operate at higher switch-
ing frequencies up to 3MHz if desired. The switching fre-
quency is set using the FREQ and PLLIN/SPREAD pins
as shown in Table 1.
Table 1.
FREQ PIN
PLLIN/SPREAD PIN
FREQUENCY
0V
0V
350kHz
INTVCC
0V
2.25MHz
Resistor to GND
0V
100kHz to 3MHz
Any of the Above
External Clock 100kHz
to 3MHz
Phase-Locked to
External lock
Any of the Above
INTVCC
Spread Spectrum
Modulated
Tying the FREQ pin to ground selects 350kHz while tying
FREQ to INTVCC selects 2.25MHz. Placing a resistor
between FREQ and ground allows the frequency to be pro-
grammed anywhere between 100kHz and 3MHz. Choose a
FREQ pin resistor from Figure 3 or the following equation:
RFREQ (in kΩ)=
37MHz
fOSC
To improve electromagnetic interference (EMI) perfor-
mance, spread spectrum mode can optionally be selected
by tying the PLLIN/SPREAD pin to INTVCC. When spread
spectrum is enabled, the switching frequency modulates
within –12% to +15% of the frequency selected by the
FREQ pin. Spread spectrum may be used in any operating
mode selected by the MODE pin (Burst Mode, pulse-skip-
ping, or forced continuous mode).
APPLICATIONS INFORMATION
Figure 3. Relationship Between Oscillator Frequency and
Resistor Value at the FREQ Pin
FREQ PIN RESISTOR ( )
10k
100k
500k
100k
1M
10M
7802 F03
A phase-locked loop (PLL) is also available on the
LTC7802 to synchronize the internal oscillator to an exter-
nal clock source connected to the PLLIN/SPREAD pin.
After the PLL locks, TG1 is synchronized to the rising edge
of the external clock signal, and TG2 is 180° out of phase
from TG1. See the Phase-Locked Loop and Frequency
Synchronization section for details.
Selecting the Light-Load Operating Mode
The LTC7802 can be set to enter high efficiency Burst Mode
operation, constant frequency pulse-skipping mode or
forced continuous conduction mode at light load currents.
To select Burst Mode operation, tie the MODE to ground.
To select forced continuous operation, tie the MODE pin
to INTVCC. To select pulse-skipping mode, tie the MODE
pin to INTVCC through a 100k resistor. An internal 100k
resistor from the MODE pin to ground selects Burst Mode
if the pin is floating. When synchronized to an external clock
through the PLLIN/SPREAD pin, the LTC7802 operates in
pulse-skipping mode if it is selected, or in forced contin-
uous mode otherwise. Table 2 summarizes the use of the
MODE pin to select the light load operating mode.
Table 2.
MODE PIN
LIGHT-LOAD
OPERATING MODE
MODE WHEN
SYNCHRONIZED
0V or Floating
Burst Mode
Forced Continuous
100k to INTVCC
Pulse-Skipping
Pulse-Skipping
INTVCC
Forced Continuous
Forced Continuous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com