Electronic Components Datasheet Search
  English  ▼

X  

LTC7802 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC7802
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC7802 Datasheet HTML 18Page - Analog Devices LTC7802 Datasheet HTML 19Page - Analog Devices LTC7802 Datasheet HTML 20Page - Analog Devices LTC7802 Datasheet HTML 21Page - Analog Devices LTC7802 Datasheet HTML 22Page - Analog Devices LTC7802 Datasheet HTML 23Page - Analog Devices LTC7802 Datasheet HTML 24Page - Analog Devices LTC7802 Datasheet HTML 25Page - Analog Devices LTC7802 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LTC7802
22
Rev. 0
For more information www.analog.com
on the EXTVCC pin voltage. INTVCC powers the MOSFET
gate drivers and most of the internal circuitry. The VIN
LDO and the EXTVCC LDO each regulate INTVCC to 5.1V
and can provide a peak current of at least 100mA.
The INTVCC pin must be bypassed to ground with a min-
imum of 4.7μF ceramic capacitor, placed as close as
possible to the pin. An additional 1μF ceramic capacitor
placed directly adjacent to the INTVCC and GND pins is
also highly recommended to supply the high frequency
transient currents required by the MOSFET gate drivers.
High input voltage applications in which large MOSFETs
are being driven at high frequencies may cause the max-
imum junction temperature rating for the LTC7802 to be
exceeded. The INTVCC current, which is dominated by the
gate charge current, may be supplied by either the VIN
LDO or the EXTVCC LDO. When the voltage on the EXTVCC
pin is less than 4.7V, the VIN LDO is enabled. Power dissi-
pation for the IC in this case is equal to VIN • IINTVCC. The
gate charge current is dependent on operating frequency
as discussed in the Efficiency Considerations section. The
junction temperature can be estimated by using the equa-
tions given in Note 2 of the Electrical Characteristics. For
example, the LTC7802 INTVCC current is limited to less
than 35mA from a 36V supply when not using the EXTVCC
supply at a 70°C ambient temperature:
TJ = 70°C + (35mA)(36V)(43°C/W) = 125°C
To prevent the maximum junction temperature from being
exceeded, the input supply current must be checked
while operating in continuous conduction mode (MODE
= INTVCC) at maximum VIN.
When the voltage applied to EXTVCC rises above 4.7V (typ-
ical), the VIN LDO is turned off and the EXTVCC LDO is
enabled. The EXTVCC LDO remains on as long as the
voltage applied to EXTVCC remains above approximately
4.5V. The EXTVCC LDO attempts to regulate the INTVCC
voltage to 5.1V, so while EXTVCC is less than 5.1V, the
LDO is in dropout and the INTVCC voltage is approximately
equal to EXTVCC. When EXTVCC is greater than 5.1V (up
to an absolute maximum of 30V), INTVCC is regulated
to 5.1V. Using the EXTVCC LDO allows the MOSFET
driver and control power to be derived from one of the
LTC7802’s switching regulator outputs (4.8V ≤ VOUT ≤
30V) during normal operation and from the VIN LDO when
the output is out of regulation (e.g., start-up, short-cir-
cuit). If more current is required through the EXTVCC LDO
than is specified, an external Schottky diode can be added
between the EXTVCC and INTVCC pins. In this case, do not
apply more than 6V to the EXTVCC pin.
Significant efficiency and thermal gains can be realized
by powering INTVCC from an output, since the VIN cur-
rent resulting from the driver and control currents will be
scaled by a factor of VOUT/(VIN • Efficiency). For 5V to 30V
regulator outputs, this means connecting the EXTVCC pin
directly to VOUT. Tying the EXTVCC pin to an 8.5V supply
reduces the junction temperature in the previous example
from 125°C to:
TJ = 70°C + (35mA)(8.5V)(43°C/W) = 83°C
However, for 3.3V and other low voltage outputs, addi-
tional circuitry is required to derive INTVCC power from
the output.
The following list summarizes the four possible connec-
tions for EXTVCC:
1. EXTVCC grounded. This will cause INTVCC to be pow-
ered from the internal VIN LDO resulting in an efficiency
penalty of up to 10% or more at high input voltages.
2. EXTVCC connected directly to one of the regulator out-
puts. This is the normal connection for an application
with an output in the range of 5V to 30V and provides
the highest efficiency. If both outputs are in the 5V to
30V range, connect EXTVCC to the lesser of the two
outputs to maximize efficiency.
3. EXTVCC connected to an external supply. If an external
supply is available, it may be used to power EXTVCC
provided that it is compatible with the MOSFET gate
drive requirements. This supply may be higher or lower
than VIN; however, a lower EXTVCC voltage results in
higher efficiency.
4. EXTVCC connected to an output-derived boost or
charge pump. For regulators where both outputs are
below 5V, efficiency gains can still be realized by con-
necting EXTVCC to an output-derived voltage that has
been boosted to greater than 4.8V.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com