Electronic Components Datasheet Search
  English  ▼

X  

ICS950818 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS950818
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950818 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS950818 Datasheet HTML 6Page - Integrated Circuit Systems ICS950818 Datasheet HTML 7Page - Integrated Circuit Systems ICS950818 Datasheet HTML 8Page - Integrated Circuit Systems ICS950818 Datasheet HTML 9Page - Integrated Circuit Systems ICS950818 Datasheet HTML 10Page - Integrated Circuit Systems ICS950818 Datasheet HTML 11Page - Integrated Circuit Systems ICS950818 Datasheet HTML 12Page - Integrated Circuit Systems ICS950818 Datasheet HTML 13Page - Integrated Circuit Systems ICS950818 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
ICS950818
0825F—11/19/03
Table 2
PCI_STOP# SMBus Control Table-Byte 0, Bit 3
Note: When this Byte 0, Bit 3 is low (0), all PCI clocks are stopped.
Table 3
CPUCLKT/C (1:0) Outputs SMBus Control Table
Note: Individual CPUCLK outputs are controlled by Byte 1, Bit 4, and 5.
Table 4
PCICLK_F (2:0) Outputs SMBus Control Table
Note: Individual PCICLK outputs are controlled by Byte 3, Bit 3, 4, and 5.
Table 5
3V66 (4:2) SMBus Control Table
Note: Activating Byte 5, Bit 5 will allow CPU_STOP# to control stop of pins 17, 18, and 19
Table 6
3V66 (1) SMBus Control Table
Note: Activating Byte 5, Bit 4 will allow CPU_STOP# to control stop of pins 31.
CPU_STOP#
(Pin 45)
Byte 5
Bit 5
3V66 (4:2)
01
10
1`
1
Byte 0, Bit 3 Read Bit
(Internal Status)
0
0
0
1
PCI_STOP#
(Pin 30)
CPU_STOP#
(Pin 45)
Byte 1
Bit 4, 5
Byte 0 Bit 3
Write Bit
00
CPUCLKT/C (1:0) Outputs
00
Stop
0
1
Running
1
0
Running
1
1
Running
PCI_STOP#
(Pin 30)
Byte 3
Bit 3, 4, 5
PCICLK (2:0) Outputs
00
Stop
0
1
Running
1
0
Running
1
1
Running
Running
Running
00
01
Running
Stopped
10
11
CPU_STOP#
(Pin 45)
Byte 5
Bit 4
3V66 (1)
0
0
Running
1
1
Running
0
1
Stopped
1
0
Running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com