Electronic Components Datasheet Search
  English  ▼

X  

ICS950818 Datasheet(PDF) 16 Page - Integrated Circuit Systems

Part # ICS950818
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950818 Datasheet(HTML) 16 Page - Integrated Circuit Systems

Back Button ICS950818 Datasheet HTML 12Page - Integrated Circuit Systems ICS950818 Datasheet HTML 13Page - Integrated Circuit Systems ICS950818 Datasheet HTML 14Page - Integrated Circuit Systems ICS950818 Datasheet HTML 15Page - Integrated Circuit Systems ICS950818 Datasheet HTML 16Page - Integrated Circuit Systems ICS950818 Datasheet HTML 17Page - Integrated Circuit Systems ICS950818 Datasheet HTML 18Page - Integrated Circuit Systems ICS950818 Datasheet HTML 19Page - Integrated Circuit Systems ICS950818 Datasheet HTML 20Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
ICS950818
0825F—11/19/03
The impact of asserting the PCI_STOP# signal will be the following. All PCI[10:0] and stoppable PCI_F clocks will latch
low in their next high to low transition. The PCI_STOP# setup time tsu is 10 ns, for transitions to be recognized by the
next rising edge.
Assertion of PCI_STOP# Waveforms
PCI_STOP# - Assertion (transition from logic "1" to logic "0")
CPU_STOP# - Assertion (transition from logic "1" to logic "0")
Assertion of CPU_STOP# Waveforms
CPU_STOP# Functionality
#
P
O
T
S
_
U
P
CT
U
P
CC
U
P
C
1l
a
m
r
o
Nl
a
m
r
o
N
0t
l
u
M
*
f
e
r
it
a
o
l
F
The impact of asserting the CPU_STOP# pin is all CPU outputs that are set in the SMBus configuration to be stoppable
via assertion of CPU_STOP# are to be stopped after their next transition. When the SMBus Bit 6 of Byte 1 is
programmed to '0' the final state of the stopped CPU signals is CPU = High and CPU# = Low. There is to be no change
to the output drive current values. The CPU will be driven high with a current value equal to (Mult 0 'select') x (Iref), the
CPU# signal will not be driven . When the SMBus Bit 6 of Byte 1 is programmed to '1' then final state of the stopped
CPU signals is Low, both CPU and CPU# outputs will not be driven.
CPU_STOP#
CPUCLKT
CPUCLKC
Group to Group Skews at Common Transition Edges: Unbuffered Mode
GROUP
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
3V66 to PCI
1,2
S3V66-PCI
3V66 (4:1) leads 33MHz PCI
1.5
2.765
3.5
ns
1Guaranteed by design, not 100% tested in production.
2500ps Tolerance
PCI_STOP#
PCI_F 33MHz
PCI 33MHz
tsu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com