Electronic Components Datasheet Search
  English  ▼

X  

ICS950818 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS950818
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950818 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS950818 Datasheet HTML 10Page - Integrated Circuit Systems ICS950818 Datasheet HTML 11Page - Integrated Circuit Systems ICS950818 Datasheet HTML 12Page - Integrated Circuit Systems ICS950818 Datasheet HTML 13Page - Integrated Circuit Systems ICS950818 Datasheet HTML 14Page - Integrated Circuit Systems ICS950818 Datasheet HTML 15Page - Integrated Circuit Systems ICS950818 Datasheet HTML 16Page - Integrated Circuit Systems ICS950818 Datasheet HTML 17Page - Integrated Circuit Systems ICS950818 Datasheet HTML 18Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
ICS950818
0825F—11/19/03
Electrical Characteristics - PCICLK (3:2) 2X
TA = 0 - 90°C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP1
1
VO = VDD*(0.5)
52.5
Ω
Average Period
TPERIOD
Fig. 8
30.03
ns
Output High Voltage
VOH
1
IOH = -1 mA
3.24
2.7
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.4
0.06
V
V OH = 1.0 V
-100
-60
V OH = 3.135 V
-28
-17
VOL = 1.95 V
44
60
VOL = 0.4 V
26
100
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V (Fig. 7)
0.51.752.3
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V (Fig. 7)
0.51.802.3
ns
Duty Cycle
dt1
1
VT = 1.5 V (Fig. 8)
45
51.95
55
%
Skew
tsk1
1
VT = 1.5 V
136
500
ps
Jitter,cycle to cyc
tjcyc-cyc
1
VT = 1.5 V (Fig. 8)
151.5
290
ps
1Guaranteed by design, not 100% tested in production.
mA
Output High Current
IOH
1
Output Low Current
IOL
1
Electrical Characteristics - PCICLK_F, PCICLK 1X
TA = 0 - 90°C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
52.50
65
Ω
Average Period
TPERIOD
Fig. 8
30.00
30.03
ns
Output High Voltage
VOH
1
IOH = -1 mA
2.05
3.24
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.06
0.65
V
V OH = 1.0 V
-90
-33
V OH = 3.135 V
-33
-14
VOL = 1.95 V
26
35
VOL = 0.4 V
103
38
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V (Fig. 7)
0.51.792.3
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V (Fig. 7)
0.51.822.3
ns
Duty Cycle
dt1
1
VT = 1.5 V (Fig. 8)
45
51.57
55
%
Skew
tsk1
1
VT = 1.5 V
136.00
500
ps
Jitter,cycle to cyc
tjcyc-cyc
1
VT = 1.5 V (Fig. 8)
151.5
290
ps
1Guaranteed by design, not 100% tested in production.
mA
Output High Current
IOH
1
Output Low Current
IOL
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com