Electronic Components Datasheet Search
  English  ▼

X  

ICS950818 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS950818
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950818 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS950818 Datasheet HTML 8Page - Integrated Circuit Systems ICS950818 Datasheet HTML 9Page - Integrated Circuit Systems ICS950818 Datasheet HTML 10Page - Integrated Circuit Systems ICS950818 Datasheet HTML 11Page - Integrated Circuit Systems ICS950818 Datasheet HTML 12Page - Integrated Circuit Systems ICS950818 Datasheet HTML 13Page - Integrated Circuit Systems ICS950818 Datasheet HTML 14Page - Integrated Circuit Systems ICS950818 Datasheet HTML 15Page - Integrated Circuit Systems ICS950818 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
ICS950818
0825F—11/19/03
Electrical Characteristics - CPU (0.7V Select) 100MHz
TA = 0 - 90°C; VDD=3.3V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Current Source Output
Impedance
Zo
1
VO = Vx
3000
-
Ω
Average Period
TPERIOD
Fig. 1
10.00
10.02
10.20
ns
Voltage High
VHigh
660
757.1
850
Voltage Low
VLow
-150
9.067
150
Max Voltage
Vovs
774.7
1150
Min Voltage
Vuds
-450
3
Crossing Voltage (abs)
Vcross(abs)
Fig. 3
250
386.1
550
mV
Crossing Voltage (var)
d-Vcross
Variation of crossing over all edges (Fig. 4)
41.57
140
mV
Rise Time
tr
VOL = 0.175V, VOH = 0.525V (Fig. 3)
175
552.8
810
ps
Fall Time
tf
VOH = 0.525V VOL = 0.175V (Fig. 3)
175
558.7
810
ps
Rise Time Variation
d-tr
34.25
125
ps
Fall Time Variation
d-tf
45.5
125
ps
Duty Cycle
dt3
Measurement from differential wavefrom (Fig 1)
45
50.58
55
%
Skew
tsk3
VT = 50%
60.5
100
ps
Jitter, Cycle to cycle
tjcyc-cyc
1
VT = 50% (Fig. 1)
65.25
175
ps
1Guaranteed by design, not 100% tested in production.
mV
Statistical measurement on single ended signal
using oscilloscope math function.
Measurement on single ended signal using
absolute value.
mV
Electrical Characteristics - CPU (0.7V Select) 133.33MHz
TA = 0 - 90°C; VDD=3.3V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Current Source Output
Impedance
Zo
1
VO = Vx
3000
-
Ω
Average Period
TPERIOD
Fig. 1
7.50
7.58
7.65
ns
Voltage High
VHigh
660
757
850
Voltage Low
VLow
-150
9
150
Max Voltage
Vovs
775
1150
Min Voltage
Vuds
-450
3
Crossing Voltage (abs)
Vcross(abs)
Fig. 3
250
386
550
mV
Crossing Voltage (var)
d-Vcross
Variation of crossing over all edges (Fig. 4)
42
140
mV
Rise Time
tr
VOL = 0.175V, VOH = 0.525V (Fig. 3)
175
553
810
ps
Fall Time
tf
VOH = 0.525V VOL = 0.175V (Fig. 3)
175
559
810
ps
Rise Time Variation
d-tr
34
125
ps
Fall Time Variation
d-tf
46
125
ps
Duty Cycle
dt3
Measurement from differential wavefrom (Fig 1)
45
51
55
%
Skew
tsk3
VT = 50%
61
100
ps
Jitter, Cycle to cycle
tjcyc-cyc
1
VT = 50% (Fig. 1)
65
175
ps
1Guaranteed by design, not 100% tested in production.
Measurement on single ended signal using
absolute value.
mV
Statistical measurement on single ended signal
using oscilloscope math function.
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com