Electronic Components Datasheet Search
  English  ▼

X  

HD3SS212 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS212
Description  HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS212 Datasheet(HTML) 5 Page - Texas Instruments

  HD3SS212 Datasheet HTML 1Page - Texas Instruments HD3SS212 Datasheet HTML 2Page - Texas Instruments HD3SS212 Datasheet HTML 3Page - Texas Instruments HD3SS212 Datasheet HTML 4Page - Texas Instruments HD3SS212 Datasheet HTML 5Page - Texas Instruments HD3SS212 Datasheet HTML 6Page - Texas Instruments HD3SS212 Datasheet HTML 7Page - Texas Instruments HD3SS212 Datasheet HTML 8Page - Texas Instruments HD3SS212 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1) (2)
MIN
MAX
UNIT
Supply voltage range(3)
VDD
–0.5
4
V
Voltage range
Differential I/O
–0.5
4
V
Control pin
–0.5
VCC +0.5
V
Operating free-air temperature
–40
105
°C
Continuous power dissipation
See Section 6.4
Storage temperature
–55
125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-B
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM) (1)
±4000
V
Charged-device model (CDM) (2)
±1000
(1)
Tested in accordance with JEDEC Standard 22, Test Method C101-A
(2)
Tested in accordance with JEDEC Standard 22, Test Method A115-A
6.3 Recommended Operating Conditions
Nominal values for all parameters are at VCC = 3.3V and TA = 25°C, all temperature limits are specified by design
PARAMETER
CONDITIONS
MIN
NOM
MAX
UNIT
VDD
Supply voltage
3.0
3.3
3.6
V
VIH
Input high voltage
Control Pins, Signal Pins (Dx_SEL, OE) (HPDC, 5V Tolerant)
2.0
VDD
V
VIL
Input low voltage
Control Pins, Signal Pins (Dx_SEL, OE, HPDC)
–0.1
0.8
V
VI/O_Diff
Differential voltage (Dx,
AUXx)
Switch I/O diff voltage
0
1.8
Vpp
VI/O_CM
Common voltage (Dx,
AUXx)
Switch I/O common mode voltage
0
2.0
V
Operating free-air
temperature
–40
105
°C
6.4 Thermal Information
THERMAL METRIC(1)
HD3SS212
UNIT
nFBGA (ZXH)
48-Ball
θJA
Junction-to-ambient thermal resistance
64.9
°C/W
θJCtop
Junction-to-case (top) thermal resistance
28.7
°C/W
θJB
Junction-to-board thermal resistance
36.4
°C/W
ψJT
Junction-to-top characterization parameter
1.0
°C/W
ψJB
Junction-to-board characterization parameter
36.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
www.ti.com
HD3SS212
SLAS822D – DECEMBER 2011 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com