Electronic Components Datasheet Search
  English  ▼

X  

HD3SS212 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS212
Description  HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS212 Datasheet(HTML) 6 Page - Texas Instruments

Back Button HD3SS212 Datasheet HTML 2Page - Texas Instruments HD3SS212 Datasheet HTML 3Page - Texas Instruments HD3SS212 Datasheet HTML 4Page - Texas Instruments HD3SS212 Datasheet HTML 5Page - Texas Instruments HD3SS212 Datasheet HTML 6Page - Texas Instruments HD3SS212 Datasheet HTML 7Page - Texas Instruments HD3SS212 Datasheet HTML 8Page - Texas Instruments HD3SS212 Datasheet HTML 9Page - Texas Instruments HD3SS212 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6.5 Electrical Characteristics
under recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
DEVICE PARAMETERS
IIH
Input high current (Dx_SEL)
VDD = 3.6 V, VIN = VDD
3
10
µA
IIL
Input low current (Dx_SEL)
VDD = 3.6 V, VIN = GND
0.01
1
µA
ILK
Leakage current (Dx_SEL)
VDD = 3.3 V, Vi = 2V, OE = 3.3V
2
5
µA
VDD = 0 V, Vi = 2 V, OE = 3.3 V
6
10
Leakage current (HPDA)
VDD = 3.3 V, Vi = 2 V, OE = 3.3 V; Dx_SEL=3.3 V
0.01
2
Leakage current (HPDB)
VDD = 3.3 V, Vi = 2 V, OE = 3.3 V; Dx_SEL=GND
0.01
2
Ioff
Device shut down current
VDD = 3.6 V, OE = GND
5
µA
IDD
Supply current
VDD = 3.6 V, Dx_SELx = VCC/GND; Outputs
floating
2.5
5
mA
DA, DB, DC HIGH SPEED SIGNAL PATH
CON
Outputs ON capacitance
Vi = 0 V, Outputs open, Switch ON
1.5
pF
COFF
Outputs OFF capacitance
Vi = 0 V, Outputs open, Switch OFF
1
pF
RON
Output ON resistance
VDD = 3.3 V, VCM = 0.5V - 1.5 V, IO = –40 mA
6.5
10
Ω
ΔRON
On resistance match between pairs of the
same channel
VDD = 3.3 V; -0.35V ≤ VI ≤ 1.2 V; IO = –40 mA
1.5
Ω
RFLAT_ON
On resistance flatness (RON (MAX) – RON
(MAIN) )
VDD = 3.3 V; -0.35 V ≤ VI ≤ 1.2 V
1.3
Ω
AUXx SIGNAL PATH
CON
Outputs ON capacitance
Vi = 0 V, Outputs open, Switch ON
9
pF
COFF
Outputs OFF capacitance
Vi = 0 V, Outputs open, Switch OFF
3
pF
RON
Output ON resistance
VDD = 3.3 V, VCM = 0.5 V - 1.5 V, IO = -40 mA
7
12
Ω
DEVICE PARAMETERS (under recommended operating conditions; RL, Rsc = 50 Ω unless otherwise noted
tPD
Switch propagation delay
Rsc and RL = 50 Ω, See Figure 7-2
200
ps
Ton
Dx_SEL -to-Switch Ton (Data and AUX)
Rsc and RL = 50 Ω, See Figure 7-1
175
250
ns
Toff
Dx_SEL -to-Switch Toff (Data and AUX)
175
250
Ton
Dx_SEL -to-Switch Ton (HPD)
RL = 50 Ω, See Figure 7-1
275
350
ns
Toff
Dx_SEL -to-Switch Toff (HPD)
275
350
TSK(O)
Inter-pair output skew (CH-CH)
Rsc and RL = 1 kΩ, See Figure 7-2
50
ps
TSK(b-b)
Intra-pair output skew (bit-bit)
1
4
RL
Dx Differential return loss(1)
1.35 GHz, See Section 6.6
–17
dB
2.7 GHz, See Section 6.6
–11
XTALK
Dx Differential crosstalk(1)
2.7 GHz
–50
OIRR
Dx Differential off-isolation(1)
2.7 GHz, See Section 6.6
–22
IL
Dx Differential insertion loss(1)
f = 1.35 GHz, See Section 6.6
–0.7
dB
f = 2.7 GHz, See Section 6.6
–1.4
f = 5.4 GHz, See Section 6.6
–1.7
AUX Differential insertion loss(1)
f = 360 MHz
–1
dB
(1)
For Return Loss, Crosstalk, Off-Isolation, and Insertion Loss values the data was collected on a Rogers material board with minimum
length traces on the input and output of the device under test.
HD3SS212
SLAS822D – DECEMBER 2011 – REVISED DECEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com