Electronic Components Datasheet Search
  English  ▼

X  

HD3SS212 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS212
Description  HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS212 Datasheet(HTML) 10 Page - Texas Instruments

Back Button HD3SS212 Datasheet HTML 6Page - Texas Instruments HD3SS212 Datasheet HTML 7Page - Texas Instruments HD3SS212 Datasheet HTML 8Page - Texas Instruments HD3SS212 Datasheet HTML 9Page - Texas Instruments HD3SS212 Datasheet HTML 10Page - Texas Instruments HD3SS212 Datasheet HTML 11Page - Texas Instruments HD3SS212 Datasheet HTML 12Page - Texas Instruments HD3SS212 Datasheet HTML 13Page - Texas Instruments HD3SS212 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
8 Detailed Description
8.1 Overview
The HD3SS212 is a high-speed passive switch offered in an industry standard 48-pin u*BGA package available
in a common footprint shared by several other vendors. The device is specified to operate from a single supply
voltage of 3.3 V over the industrial temperature range of -40°C to 105°C.
The HD3SS212 is a generic 4-CH high-speed mux/demux type of switch that can be used for routing high-speed
signals between two different locations on a circuit board. The HD3SS212 will also support several other high-
speed data protocols with a differential amplitude of < 1800 mVpp and a common-mode voltage of < 2.0 V, as
with USB 3.0 and DisplayPort 1.2. For Display Port Applications the HD3SS212 also supports switching of both
the Auxiliary and Hot Plug Detect signals.
The device’s High Speed Port Selection Control input (Dx_SEL) pin can easily be controlled by an available
GPIO pin within a system.
8.2 Functional Block Diagram
Dx_SEL
HPDA
HPDB
VDD
OE
GND
AUXA (p)
AUXA (n)
AUXB (p)
AUXB (n)
DAz (p)
DAz (n)
DBz (p)
DBz (n)
SEL
SEL
SEL
HD3SS212
SEL = 0
SEL = 1
4
4
4
4
4
4
(z = 0,1, 2or3)
HPDC
DCz (p)
DCz (n)
AUXC (p)
AUXC (n)
SEL = 1
SEL = 0
SEL = 1
SEL = 0
125kW
8.3 Feature Description
Refer to Section 8.2.
HD3SS212
SLAS822D – DECEMBER 2011 – REVISED DECEMBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com