Electronic Components Datasheet Search
  English  ▼

X  

PCI1520 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1520
Description  PCI1520/PCI1520I GHK/ZHK/PDV PC Card Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1520 Datasheet(HTML) 69 Page - Texas Instruments

Back Button PCI1520 Datasheet HTML 65Page - Texas Instruments PCI1520 Datasheet HTML 66Page - Texas Instruments PCI1520 Datasheet HTML 67Page - Texas Instruments PCI1520 Datasheet HTML 68Page - Texas Instruments PCI1520 Datasheet HTML 69Page - Texas Instruments PCI1520 Datasheet HTML 70Page - Texas Instruments PCI1520 Datasheet HTML 71Page - Texas Instruments PCI1520 Datasheet HTML 72Page - Texas Instruments PCI1520 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 140 page
background image
4−8
4.14 Secondary Status Register
The secondary status register is compatible with the PCI-to-PCI bridge secondary status register and indicates
CardBus-related device information to the host system. This register is very similar to the status register (offset 06h,
see Section 4.5); status bits are cleared by writing a 1. See Table 4−5 for a complete description of the register
contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Secondary status
Type
RC
RC
RC
RC
RC
R
R
RC
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
Register:
Secondary status
Offset:
16h
Type:
Read-only, Read/Clear
Default:
0200h
Table 4−5. Secondary Status Register Description
BIT
SIGNAL
TYPE
FUNCTION
15
CBPARITY
RC
Detected parity error. Bit 15 is set when a CardBus parity error is detected (either address or data).
14
CBSERR
RC
Signaled system error. Bit 14 is set when CSERR is signaled by a CardBus card. The PCI1520 does not
assert CSERR.
13
CBMABORT
RC
Received master abort. Bit 13 is set when a cycle initiated by the PCI1520 on the CardBus bus has been
terminated by a master abort.
12
REC_CBTA
RC
Received target abort. Bit 12 is set when a cycle initiated by the PCI1520 on the CardBus bus is terminated
by a target abort.
11
SIG_CBTA
RC
Signaled target abort. Bit 11 is set by the PCI1520 when it terminates a transaction on the CardBus bus
with a target abort.
10−9
CB_SPEED
R
CDEVSEL timing. These bits encode the timing of CDEVSEL and are hardwired 01b, indicating that the
PCI1520 asserts CB_SPEED at a medium speed.
8
CB_DPAR
RC
CardBus data parity error detected.
0 = The conditions for setting bit 8 have not been met.
1 = A data parity error occurred and the following conditions were met:
a. CPERR was asserted on the CardBus interface.
b. The PCI1520 was the bus master during the data parity error.
c. The parity error response bit is set in the bridge control.
7
CBFBB_CAP
R
Fast back-to-back capable. The PCI1520 cannot accept fast back-to-back transactions; therefore, bit 7
is hardwired to 0.
6
CB_UDF
R
User-definable feature support. The PCI1520 does not support user-definable features; therefore, bit 6
is hardwired to 0.
5
CB66MHZ
R
66-MHz capable. The PCI1520 CardBus interface operates at a maximum CCLK frequency of 33 MHz;
therefore, bit 5 is hardwired to 0.
4−0
RSVD
R
Reserved. Bits 4−0 return 0s when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com