Electronic Components Datasheet Search
  English  ▼

X  

PCI1520 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1520
Description  PCI1520/PCI1520I GHK/ZHK/PDV PC Card Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1520 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCI1520 Datasheet HTML 20Page - Texas Instruments PCI1520 Datasheet HTML 21Page - Texas Instruments PCI1520 Datasheet HTML 22Page - Texas Instruments PCI1520 Datasheet HTML 23Page - Texas Instruments PCI1520 Datasheet HTML 24Page - Texas Instruments PCI1520 Datasheet HTML 25Page - Texas Instruments PCI1520 Datasheet HTML 26Page - Texas Instruments PCI1520 Datasheet HTML 27Page - Texas Instruments PCI1520 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 140 page
background image
2−11
The terminals are grouped in tables by functionality, such as PCI system function, power-supply function, etc. The
terminal numbers are also listed for convenient reference.
Table 2−5. Power Supply Terminals
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
PDV
GHK
I/O
DESCRIPTION
GND
6, 24, 43, 62,
95, 110, 147,
166, 185, 199
A06, A09, A14,
E01, F19, K01,
P01, R19, W06,
W14
−
Device ground terminals
VCC
14, 39, 70, 91,
118, 133, 143,
174, 195
A07, A12, G01,
G19, J19, N01,
N19, W08, W13
−
Power supply terminal for I/O and internal voltage regulator
VCCA
114
P19
−
Clamp voltage for PC Card A interface. Matches card A signaling environment, 5 V
or 3.3 V
VCCB
47
R01
−
Clamp voltage for PC Card B interface. Matches card B signaling environment, 5 V
or 3.3 V
VCCP
180
A10
−
Clamp voltage for PCI and miscellaneous I/O, 5 V or 3.3 V
VR_EN
29
L01
I
Internal voltage regulator enable. Active-low
VR_PORT
128
K19
I/O
Internal voltage regulator input/output. When VR_EN is low, the regulator is en-
abled and this terminal is an output. An external bypass capacitor is required on this
terminal. When VR_EN is high, the regulator is disabled and this terminal is an input
for an external 2.5-V core power source.
Table 2−6. PC Card Power Switch Terminals
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
PDV
GHK
I/O
DESCRIPTION
CLOCK
154
F15
I/O
Power switch clock. Information on the DATA line is sampled at the rising edge of CLOCK. CLOCK defaults to
an input, but can be changed to a PCI1520 output by using bit 27 (P2CCLK) in the system control register
(offset 80h, see Section 4.29). The TPS222X defines the maximum frequency of this signal to be 2 MHz. How-
ever, PCI1520 requires a 16-KHz to 100-KHz frequency range. If a system design defines this terminal as an
output, then this terminal requires an external pulldown resistor. The frequency of the PCI1520 output CLOCK
is derived from the internal ring oscillator (16 KHz typical).
DATA
155
E17
O
Power switch data. DATA is used to communicate socket power control information serially to the power
switch.
LATCH
153
E18
I/O
Power switch latch. LATCH is asserted by the PCI1520 to indicate to the power switch that the data on the
DATA line is valid. When a pulldown resistor is implemented on this terminal, the MFUNC1 and MFUNC4 ter-
minals provide the serial EEPROM SDA and SCL interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com