Electronic Components Datasheet Search
  English  ▼

X  

PCI1520 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1520
Description  PCI1520/PCI1520I GHK/ZHK/PDV PC Card Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1520 Datasheet(HTML) 84 Page - Texas Instruments

Back Button PCI1520 Datasheet HTML 80Page - Texas Instruments PCI1520 Datasheet HTML 81Page - Texas Instruments PCI1520 Datasheet HTML 82Page - Texas Instruments PCI1520 Datasheet HTML 83Page - Texas Instruments PCI1520 Datasheet HTML 84Page - Texas Instruments PCI1520 Datasheet HTML 85Page - Texas Instruments PCI1520 Datasheet HTML 86Page - Texas Instruments PCI1520 Datasheet HTML 87Page - Texas Instruments PCI1520 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 140 page
background image
4−23
4.33 Device Control Register
The device control register is provided for PCI1130 compatibility and contains bits that are shared between functions
0 and 1. The interrupt mode select is programmed through this register which is composed of PCI1520 global bits.
The socket-capable force bits are also programmed through this register. See Table 4−12 for a complete description
of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
Device control
Type
RW
RW
RW
R
RW
RW
RW
RW
Default
0
1
1
0
0
1
1
0
Register:
Device control
Offset:
92h (functions 0, 1)
Type:
Read-only, Read/Write
Default:
66h
Table 4−12. Device Control Register Description
BIT
SIGNAL
TYPE
FUNCTION
7
SKTPWR_LOCK
RW
Socket power lock bit. When this bit is set to 1, software cannot power down the PC Card socket while
in D3. This may be necessary to support wake on LAN or RING if the operating system is programmed
to power down a socket when the CardBus controller is placed in the D3 state.
6†
3VCAPABLE
RW
3-V socket capable force
0 = Not 3-V capable
1 = 3-V capable (default)
5
IO16V2
RW
Diagnostic bit. This bit defaults to 1.
4
RSVD
R
Reserved. Bit 4 returns 0 when read.
3†
TEST
RW
TI test. Only a 0 should be written to bit 3.
2−1
INTMODE
RW
Interrupt signaling mode. Bits 2 and 1 select the interrupt signaling mode. The interrupt signaling
mode bits are encoded:
00 = Parallel PCI interrupts only
01 = Parallel IRQ and parallel PCI interrupts
10 = IRQ serialized interrupts and parallel PCI interrupt
11 = IRQ and PCI serialized interrupts (default)
0†
RSVD
RW
Reserved. Bit 0 is reserved for test purposes. Only 0 should be written to this bit.
† This bit is global and is accessed only through function 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com