Electronic Components Datasheet Search
  English  ▼

X  

PCI1520 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1520
Description  PCI1520/PCI1520I GHK/ZHK/PDV PC Card Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1520 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCI1520 Datasheet HTML 7Page - Texas Instruments PCI1520 Datasheet HTML 8Page - Texas Instruments PCI1520 Datasheet HTML 9Page - Texas Instruments PCI1520 Datasheet HTML 10Page - Texas Instruments PCI1520 Datasheet HTML 11Page - Texas Instruments PCI1520 Datasheet HTML 12Page - Texas Instruments PCI1520 Datasheet HTML 13Page - Texas Instruments PCI1520 Datasheet HTML 14Page - Texas Instruments PCI1520 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 140 page
background image
1−2
•
Up to five general-purpose I/Os
•
Programmable output select for CLKRUN
•
Multifunction PCI device with separate configuration space for each socket
•
Five PCI memory windows and two I/O windows available for each 16-bit interface
•
Two I/O windows and two memory windows available to each CardBus socket
•
Exchangeable-card-architecture- (ExCA-) compatible registers are mapped in memory and I/O space
•
Intel
 82365SL-DF and 82365SL register compatible
•
Ring indicate, SUSPEND, PCI CLKRUN, and CardBus CCLKRUN
•
Socket activity LED terminals
•
PCI bus lock (LOCK)
•
Advanced quarter-micron, ultralow-power CMOS technology
•
Internal ring oscillator
1.3
Related Documents
•
Advanced Configuration and Power Interface (ACPI) Specification (revision 1.1)
•
PCI Bus Power Management Interface Specification (revision 1.1)
•
PCI Bus Power Management Interface Specification for PCI to CardBus Bridges (revision 0.6)
•
PCI to PCMCIA CardBus Bridge Register Description (Yenta) (revision 2.1)
•
PCI Local Bus Specification (revision 2.2)
•
PCI Mobile Design Guide (revision 1.0)
•
PC Card Standard (revision 7.1)
•
PC 2001
•
Serialized IRQ Support for PCI Systems (revision 6)
1.4
Trademarks
Intel is a trademark of Intel Corporation.
TI and MicroStar BGA are trademarks of Texas Instruments.
Other trademarks are the property of their respective owners.
1.5
Ordering Information
ORDERING NUMBER
NAME
VOLTAGE
PACKAGE
PCI1520
PC Card controller
3.3 V, 5-V tolerant I/Os
208-terminal LQFP
209-ball PBGA
PCI1520I
PC Card controller,
industrial temperature
3.3 V, 5-V tolerant I/Os
208-terminal LQFP
209-ball PBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com