Electronic Components Datasheet Search
  English  ▼

X  

FTK7002EN Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK7002EN
Description  Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7002EN Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK7002EN Datasheet HTML 1Page - First Silicon Co., Ltd FTK7002EN Datasheet HTML 2Page - First Silicon Co., Ltd FTK7002EN Datasheet HTML 3Page - First Silicon Co., Ltd FTK7002EN Datasheet HTML 4Page - First Silicon Co., Ltd FTK7002EN Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL PERFORMANCE CURVES
TJ = 125°C
0
0.16
1.6
0.4
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0.12
0.04
0
Figure 1. On−Region Characteristics
2
4
.
1
6
.
0
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
1
2
0.5
Figure 3. On−Resistance vs. Drain Current and
Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
−50
0
−25
25
1
0.2
0
0
5
1
0
5
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
0.05
TJ = −55°C
TJ = 125°C
75
TJ = 25°C
ID = 0.15 A
VGS = 4.5 V
TJ = 25°C
1.2
VGS = 2.5 V
5
1
.
0
0
1
25
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
15
VGS = 0 V
TJ = 150°C
TJ = 125°C
VGS = 4.5 V
10
100
2 V
VDS = 5 V
20
1.4 V
0.08
1.2 V
0.1
30
0.2
0.18
VGS = 10 V
2.5
125
0
0
0
1
2.0
10
5
1.2
0.8
1.2
1.5
0.2
VGS = 4.5 V
TJ = 25°C
TJ = −55°C
ID, DRAIN CURRENT (AMPS)
2
1000
5 V
2.4 V
1.8
1
1
2
0.5
0.05
5
1
.
0
0
0.1
2.5
1.5
0.2
0.4
1.4
0.6
1.6
0.8
1.8
0.14
0.1
0.02
0.06
2.8 V
0.16
0.12
0.04
0
0.08
0.2
6
.
1
8
.
0
2009. 10. 28
3/5
Revision No : 0
FTK7002EN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com