Electronic Components Datasheet Search
  English  ▼

X  

FTK7002EN Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FTK7002EN
Description  Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7002EN Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FTK7002EN Datasheet HTML 1Page - First Silicon Co., Ltd FTK7002EN Datasheet HTML 2Page - First Silicon Co., Ltd FTK7002EN Datasheet HTML 3Page - First Silicon Co., Ltd FTK7002EN Datasheet HTML 4Page - First Silicon Co., Ltd FTK7002EN Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NOTES:
1.DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2.CONTROLLING DIMENSION: MILLIMETERS
3.MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD THICKNESS
IS THE MINIMUM THICKNESS OF BASE
MATERIAL.
4.463C-01 OBSOLETE, NEW STANDARD 463C-02.
SC-89
2009. 10. 28
5/5
Revision No : 0
FTK7002EN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com