Electronic Components Datasheet Search
  English  ▼

X  

FTK7002EN Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTK7002EN
Description  Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7002EN Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTK7002EN Datasheet HTML 1Page - First Silicon Co., Ltd FTK7002EN Datasheet HTML 2Page - First Silicon Co., Ltd FTK7002EN Datasheet HTML 3Page - First Silicon Co., Ltd FTK7002EN Datasheet HTML 4Page - First Silicon Co., Ltd FTK7002EN Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYPICAL PERFORMANCE CURVES
Figure 7. Capacitance Variation
0.02
0
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 8. Resistive Switching Time
Variation vs. Gate Resistance
VGS = 0 V
TJ = 25°C
0.16
5
6
.
0
5
.
0
Figure 9. Diode Forward Voltage vs. Current
0.8
0.6
0.08
0.06
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
5
10
0
5
10
5
TJ = 25°C
Ciss
Coss
Crss
15
0
20
Ciss
Crss
VDS = 0 V VGS = 0 V
VDS
VGS
RG, GATE RESISTANCE (OHMS)
0
0
1
0
1
1
100
10
VDD = 5.0 V
ID = 75 mA
VGS = 4.5 V
tr
td(on)
1000
tf
td(off)
1
0.04
25
0.7
0.55
10
15
0.14
20
0.12
0.1
0.75
2009. 10. 28
4/5
Revision No : 0
FTK7002EN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com