Electronic Components Datasheet Search
  English  ▼

X  

FTK7002EN Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK7002EN
Description  Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7002EN Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK7002EN Datasheet HTML 1Page - First Silicon Co., Ltd FTK7002EN Datasheet HTML 2Page - First Silicon Co., Ltd FTK7002EN Datasheet HTML 3Page - First Silicon Co., Ltd FTK7002EN Datasheet HTML 4Page - First Silicon Co., Ltd FTK7002EN Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
10000/Tape&Reel
ORDERING INFORMATION
Small Signal MOSFET
30 V, 154 mA, Single, N
−Channel, Gate
ESD Protection, SC
−89
Features
• Low Gate Charge for Fast Switching
• Small 1.6 X 1.6 mm Footprint
• ESD Protected Gate
•
Applications
• Power Management Load Switch
• Level Shift
• Portable Applications such as Cell Phones, Media Players,
Digital Cameras, PDA’s, Video Games, Hand Held Computers, etc.
We declare that the material of product is ROHS compliant
and halogen free.
Device
Shipping
3000/Tape&Reel
FTK7002EN
FTK7002EN
Marking
MARKING DIAGRAM
TF = Specific Device Code
D
= Date Code
T6 D
1
3
2
(Top View)
Drain
Gate
3
1
2
Source
MAXIMUM RATINGS (TJ = 25 C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
10
V
Continuous Drain
Current (Note 1)
Steady State = 25 C
ID
154
mA
Power Dissipation
(Note 1)
Steady State = 25 C
PD
300
mW
Pulsed Drain Current
tP
10 s
IDM
618
mA
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
150
C
Continuous Source Current (Body Diode)
ISD
154
mA
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Ambient – Steady State (Note 1)
R JA
416
C/W
Maximum ratings are those values
beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1.
Surface−mounted on FR4 board using 1 in sq pad size
(Cu area = 1.127 in sq [1 oz] including traces).
T6
T6
SEMICONDUCTOR
TECHNICAL DATA
FTK7002EN
2009. 10. 28
1/5
Revision No : 0
1
3
2
SC-89


Similar Part No. - FTK7002EN

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK7002 FS-FTK7002 Datasheet
248Kb / 4P
Small Signal MOSFET 300 mAmps, 60 Volts N?밅hannel SOT??3
FTK7002D FS-FTK7002D Datasheet
413Kb / 4P
Dual Small Signal MOSFET 115 mAmps, 60 Volts N-Channel SC-88
FTK7002K FS-FTK7002K Datasheet
370Kb / 6P
Small Signal MOSFET 380 mAmps, 60 Volts
FTK7002KDFN1006 FS-FTK7002KDFN1006 Datasheet
426Kb / 5P
Low On-Resistance
FTK7002T FS-FTK7002T Datasheet
680Kb / 5P
High density cell design for low RDS(ON)
More results

Similar Description - FTK7002EN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTA4001N ONSEMI-NTA4001N Datasheet
61Kb / 6P
Small Signal MOSFET 20 V, 238 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
September, 2003 ??Rev. 0
NTA7002N ONSEMI-NTA7002N Datasheet
56Kb / 6P
Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
July, 2005 ??Rev. 1
NTZD3152P ONSEMI-NTZD3152P Datasheet
98Kb / 5P
Small Signal MOSFET ??0 V, ??30 mA, Dual P?묬hannel with ESD Protection, SOT??63
March, 2010 ??Rev. 2
logo
WILLAS ELECTRONIC CORP
2N7002NT1 WILLAS-2N7002NT1 Datasheet
327Kb / 5P
30 V, 154 mA, Single
logo
Leshan Radio Company
LNTA4001NT1G LRC-LNTA4001NT1G Datasheet
218Kb / 5P
Small Signal MOSFET 20 V, 238 mA, Single, N-Channel, Gate ESD Protection
LNTS4409NWT1G LRC-LNTS4409NWT1G Datasheet
216Kb / 5P
Small Signal MOSFET 25 V, 0.75 A, Single, N?묬hannel, ESD Protection
logo
ON Semiconductor
NVTA7002NT1G ONSEMI-NVTA7002NT1G Datasheet
105Kb / 5P
30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection, SC-75
October, 2012 ??Rev. 5
logo
Leshan Radio Company
LNTK4003M3T5G LRC-LNTK4003M3T5G Datasheet
441Kb / 5P
30 V, 0.56 A, Single, N?묬hannel,Gate ESD Protection
logo
First Silicon Co., Ltd
FTK4001E FS-FTK4001E Datasheet
320Kb / 5P
Small Signal MOSFET 20 V, 238 mA, Single, N-Channel, Gate ESD Protection
FTK4409 FS-FTK4409 Datasheet
436Kb / 4P
Small Signal MOSFET 25 V, 0.75 A, Single, N?묬hannel, ESD Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com