Electronic Components Datasheet Search
  English  ▼

X  

FTK7002K Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTK7002K
Description  Small Signal MOSFET 380 mAmps, 60 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7002K Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTK7002K Datasheet HTML 1Page - First Silicon Co., Ltd FTK7002K Datasheet HTML 2Page - First Silicon Co., Ltd FTK7002K Datasheet HTML 3Page - First Silicon Co., Ltd FTK7002K Datasheet HTML 4Page - First Silicon Co., Ltd FTK7002K Datasheet HTML 5Page - First Silicon Co., Ltd FTK7002K Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2014. 04. 10
4/6
FTK7002K
Revision No : 0
TYPICAL ELECTRICAL CHARACTERISTICS
1
2
3
4
5
6
7
8
9 10
1
2
3
4
5
6
7
8
9
10
I
D= 0.5 A
-50 -25 0
25 50 75 100 125 150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V
GS= 5.0 V
V
GS= 10 V
R
ON10V@Tj= 25
oC: 2.3 Ω
R
ON5.0V@Tj= 25
oC: 2.7 Ω
I
D = 0.5 A
Figure 5. On−Resistance vs. Gate−to−Source
Voltage
Figure 6. On−Resistance Variation with
Temperature
VGS, GATE−TO−
T
)
V
(
E
G
A
T
L
O
V
E
C
R
U
O
S
J, JUNCTION TEMPERATURE ( °C)
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
45
50
55
60
Frequency = 1 MHz
Crss
Coss
Ciss
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V
DS= 10 V
I
DS= 0.5 A
e
t
a
G
.
8
e
r
u
g
i
F
n
o
i
t
a
i
r
a
V
e
c
n
a
t
i
c
a
p
a
C
.
7
e
r
u
g
i
F
−to−Source and
Drain −to−Source Voltage vs. Total Charge
Qg, TOTAL GATE CHARGE (nC)
GATE−TO−SOURCE OR DRAIN −TO−SOURCE VOLTAGE (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com