Electronic Components Datasheet Search
  English  ▼

X  

FTK7002K Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK7002K
Description  Small Signal MOSFET 380 mAmps, 60 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7002K Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK7002K Datasheet HTML 1Page - First Silicon Co., Ltd FTK7002K Datasheet HTML 2Page - First Silicon Co., Ltd FTK7002K Datasheet HTML 3Page - First Silicon Co., Ltd FTK7002K Datasheet HTML 4Page - First Silicon Co., Ltd FTK7002K Datasheet HTML 5Page - First Silicon Co., Ltd FTK7002K Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2014. 04. 10
1/6
SEMICONDUCTOR
TECHNICAL DATA
FTK7002K
Revision No : 0
RK
RK
=Device Code
W
=Month Code
MARKING DIAGRAM
& PIN ASSIGNMENT
3
2
1
Gate
Source
Drain
3
2
1
(Top View)
Simplified Schematic
1
3
2
SOT– 23 (TO–236AB)
N–Channel SOT–23
•
Small Signal MOSFET 380 mAmps, 60 Volts
• We declare that the material of product are Halogen Free and
compliance with RoHS requirements.
Features
• ESD Protected
• Low R
DS(on)
• Surface Mount Package
• This is a Pb− Free Device
Applications
• Low Side Load Switch
• Level Shift Circuits
• DC−DC Converter
• Portable Applications i.e. DSC, PDA, Cell Phone, etc.
MAXIMUM RATINGS
(TJ = 25°C unless otherwise stated)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
V
Gate−to−Source Voltage
VGS
±20
V
Drain Current (Note 1)
Steady State
TA = 25℃
TA = 85℃
T
s
5
<
t
A = 25℃
TA = 85℃
ID
320
230
380
270
mA
Power Dissipation (Note 1)
Steady State
t < 5 s
PD
300
420
mW
Pulsed Drain Current (tp= 10 s)
IDM
1.5
A
Operating Junction and Storage
Temperature Range
TJ, TSTG
−55 to
+150
°C
Source Current (Body Diode)
IS
300
mA
Lead Temperature for Soldering Purposes
(1/8″ from case for 10s)
TL
260
°C
Gate−Source ESD Rating
(HBM, Method 3015)
ESD
2000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Junction−to−Ambient − Steady State
(Note 1)
R JA
417
°C/W
Junction−to−Ambient − t ≤ 5 s (Note 1)
R JA
300
1. Surface−mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in
sq [1 oz] including traces)
Device
Marking
Shipping
ORDERING INFORMATION
3000 Tape & Reel
FTK7002K
RK


Similar Part No. - FTK7002K

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK7002KDFN1006 FS-FTK7002KDFN1006 Datasheet
426Kb / 5P
Low On-Resistance
More results

Similar Description - FTK7002K

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2N7003LT1 LRC-L2N7003LT1 Datasheet
149Kb / 3P
Small Signal MOSFET 115 mAmps, 60 Volts
L2N7002KLT1G LRC-L2N7002KLT1G Datasheet
302Kb / 5P
Small Signal MOSFET 380 mAmps, 60 Volts N?밅hannel SOT??3
logo
ON Semiconductor
2N7000G ONSEMI-2N7000G Datasheet
92Kb / 4P
Small Signal MOSFET 200 mAmps, 60 Volts
April, 2011 ??Rev. 8
logo
Leshan Radio Company
L2N7002SWT1G LRC-L2N7002SWT1G Datasheet
449Kb / 7P
Small Signal MOSFET 380 mAmps, 60 Volts
L2N7002EM3T5G LRC-L2N7002EM3T5G Datasheet
247Kb / 4P
Small Signal MOSFET 115 mAmps, 60 Volts
L2N7002KN3T5G LRC-L2N7002KN3T5G Datasheet
230Kb / 5P
Small Signal MOSFET 380 mAmps, 60 Volts
L2N7002M3T5G LRC-L2N7002M3T5G Datasheet
173Kb / 4P
Small Signal MOSFET 115 mAmps, 60 Volts
logo
Shenzhen Huazhimei Semi...
HM7002DM HMSEMI-HM7002DM Datasheet
326Kb / 5P
Small Signal MOSFET 115 mAmps, 60 Volts
logo
Leshan Radio Company
L2N7002KTT1G LRC-L2N7002KTT1G Datasheet
484Kb / 6P
Small Signal MOSFET 380 mAmps, 60 Volts N?밅hannel
logo
First Silicon Co., Ltd
FTK7002U FS-FTK7002U Datasheet
734Kb / 4P
Small Signal MOSFET 115 mAmps, 60 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com