Electronic Components Datasheet Search
  English  ▼

X  

FTK7002K Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK7002K
Description  Small Signal MOSFET 380 mAmps, 60 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7002K Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK7002K Datasheet HTML 1Page - First Silicon Co., Ltd FTK7002K Datasheet HTML 2Page - First Silicon Co., Ltd FTK7002K Datasheet HTML 3Page - First Silicon Co., Ltd FTK7002K Datasheet HTML 4Page - First Silicon Co., Ltd FTK7002K Datasheet HTML 5Page - First Silicon Co., Ltd FTK7002K Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2014. 04. 10
2/6
FTK7002K
Revision No : 0
ELECTRICAL CHARACTERISTICS
(TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID= 250 A
60
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
71
mV/℃
Zero Gate Voltage Drain Current
IDSS
VGS = 0V,
VDS = 60V
TJ = 25℃
1
A
TJ = 125℃
500
VGS = 0V,
VDS = 50V
TJ = 25℃
100
nA
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20V
±10
A
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, I D= 250 A
1.0
2.5
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
4.0
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID= 500 mA
2.3
VGS = 5.0 V, ID= 50 mA
2.7
Forward Transconductance
gFS
VDS = 5 V, ID= 200 mA
80
mS
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz,
VDS = 25 V
pF
Output Capacitance
COSS
Reverse Transfer Capacitance
CRSS
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS= 10 V;
ID = 500 mA
nC
Threshold Gate Charge
QG(TH)
Gate−to−Source Charge
QGS
Gate−to−Drain Charge
QGD
SWITCHING CHARACTERISTICS, V GS = V (Note 3)
Turn−On Delay Time
td(ON)
ns
Rise Time
tr
Turn−Off Delay Time
td(OFF)
Fall Time
tf
DRAIN −SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 115 mA
TJ = 25℃
1.4
V
TJ = 85℃
0.7
2. Pulse Test: pulse width≤300us, duty cycle ≤ 2%
3. Switching characteristics are independent of operating junction temperatures
34
3
2.2
0.71
0.1
0.32
0.16
3.8
3.4
19
12
VDS = 10 V, VGEN= 10 V,
I D = 500 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com