Electronic Components Datasheet Search
  English  ▼

X  

FTK7002K Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK7002K
Description  Small Signal MOSFET 380 mAmps, 60 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7002K Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK7002K Datasheet HTML 1Page - First Silicon Co., Ltd FTK7002K Datasheet HTML 2Page - First Silicon Co., Ltd FTK7002K Datasheet HTML 3Page - First Silicon Co., Ltd FTK7002K Datasheet HTML 4Page - First Silicon Co., Ltd FTK7002K Datasheet HTML 5Page - First Silicon Co., Ltd FTK7002K Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2014. 04. 10
3/6
FTK7002K
Revision No : 0
TYPICAL ELECTRICAL CHARACTERISTICS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.2
0.4
0.6
0.8
1.0
4.0 V
3.0 V
V
GS= 5,6,7.8,9.10 V
0
12
3
4
5
6
0.0
0.1
0.2
0.3
0.4
T
j=125
oC
T
j=25
oC
T
j=-55
oC
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
T
J= 125
OC
T
J= 85
OC
T
J= 25
OC
V
GS= 5.0V
T
J= -55
OC
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
T
J= 125
OC
T
J= 85
OC
T
J= 25
OC
V
GS= 10V
T
J= -55
OC
Figure 1. On−
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
e
f
s
n
a
r
T
.
2
e
r
u
g
i
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
o
i
g
e
R
VDS, DRAIN−TO−
V
)
V
(
E
G
A
T
L
O
V
E
C
R
U
O
S
GS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance vs. Drain Current and
Temperature
Figure 4. On−Resistance vs. Drain Current and
Temperature
ID, DRAIN CURRENT (A)
ID, DRAIN CURRENT (A)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com