Electronic Components Datasheet Search
  English  ▼

X  

MSP3450G Datasheet(PDF) 79 Page - Micronas

Part # MSP3450G
Description  Multistandard Sound Processor Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3450G Datasheet(HTML) 79 Page - Micronas

Back Button MSP3450G Datasheet HTML 75Page - Micronas MSP3450G Datasheet HTML 76Page - Micronas MSP3450G Datasheet HTML 77Page - Micronas MSP3450G Datasheet HTML 78Page - Micronas MSP3450G Datasheet HTML 79Page - Micronas MSP3450G Datasheet HTML 80Page - Micronas MSP3450G Datasheet HTML 81Page - Micronas MSP3450G Datasheet HTML 82Page - Micronas MSP3450G Datasheet HTML 83Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 106 page
background image
DATA SHEET
MSP 34x0G
Micronas
May 27, 2003; 6251-476-1DS
79
4.6.3.10. Sound Standard Dependent Characteristics
Symbol
Parameter
Pin Name
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.
NICAM Characteristics (MSP Standard Code = 8)
dVNICAMOUT
Tolerance of Output Voltage
of NICAM Baseband Signal
DACp_s
SCn_OUT_s1
−1.5
+1.5
dB
2.12 kHz, Modulator input
level = 0 dBref
S/NNICAM
S/N of NICAM Baseband Signal
72
dB
NICAM:
−6 dB, 1 kHz, RMS
unweighted
0 to 15 kHz, Vol = 9 dB
NIC_Presc = 7Fhex
Output level 1 VRMS at
DACp_s
THDNICAM
Total Harmonic Distortion
+ Noise
of NICAM Baseband Signal
0.1
%
2.12 kHz, Modulator input
level = 0 dBref
BERNICAM
NICAM: Bit Error Rate
1
10−7
FM
+NICAM, norm conditions
fRNICAM
NICAM Frequency Response ,
20...15000 Hz
−1.0
+1.0
dB
Modulator input
level =
−12 dB dBref; RMS
XTALKNICAM
NICAM Crosstalk Attenuation (Dual)
80
dB
SEPNICAM
NICAM Channel Separation (Stereo)
80
dB
FM Characteristics (MSP Standard Code = 3)
dVFMOUT
Tolerance of Output Voltage
of FM Demodulated Signal
DACp_s,
SCn_OUT_s1
−1.5
+1.5
dB
1 FM-carrier, 50
µs, 1 kHz,
40 kHz deviation; RMS
S/NFM
S/N of FM Demodulated Signal
73
dB
1 FM-carrier 5.5 MHz, 50
µs,
1 kHz, 40 kHz deviation;
RMS, unweighted
0 to 15 kHz (for S/N);
full input range, FM-Pres-
cale = 46hex, Vol = 0 dB
→ Output Level 1 V
RMS at
DACp_s
THDFM
Total Harmonic Distortion
+ Noise
of FM Demodulated Signal
0.1
%
fRFM
FM Frequency Responses,
20...15000 Hz
−1.0
+1.0
dB
1 FM-carrier 5.5 MHz,
50
µs, Modulator input
level =
−14.6 dBref; RMS
XTALKFM
FM Crosstalk Attenuation (Dual)
80
dB
2 FM-carriers 5.5/5.74 MHz,
50
µs, 1 kHz, 40 kHz devia-
tion; Bandpass 1 kHz
SEPFM
FM Channel Separation (Stereo)
50
dB
2 FM-carriers 5.5/5.74 MHz,
50
µs, 1 kHz, 40 kHz devia-
tion; RMS
AM Characteristics (MSP Standard Code = 9)
S/NAM(1)
S/N of AM Demodulated Signal
measurement condition: RMS/Flat
DACp_s,
SCn_OUT_s1
55
dB
SIF level: 0.1
−0.8 V
pp
AM-carrier 54% at 6.5 MHz
Vol = 0 dB, FM/AM
prescaler set for
output = 0.5 VRMS at
Loudspeaker out;
Standard Code = 09hex
no video/chroma
components
S/NAM(2)
S/N of AM Demodulated Signal
measurement condition: QP/CCIR
45
dB
THDAM
Total Harmonic Distortion
+ Noise
of AM Demodulated Signal
0.6
%
fRAM
AM Frequency Response
50...12000 Hz
−2.5
+1.0
dB
1) “n” means “1” or “2”;
“s” means “L” or “R”;
“p” means “M” or “A”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com