Electronic Components Datasheet Search
  English  ▼

X  

MSP3450G Datasheet(PDF) 94 Page - Micronas

Part # MSP3450G
Description  Multistandard Sound Processor Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3450G Datasheet(HTML) 94 Page - Micronas

Back Button MSP3450G Datasheet HTML 90Page - Micronas MSP3450G Datasheet HTML 91Page - Micronas MSP3450G Datasheet HTML 92Page - Micronas MSP3450G Datasheet HTML 93Page - Micronas MSP3450G Datasheet HTML 94Page - Micronas MSP3450G Datasheet HTML 95Page - Micronas MSP3450G Datasheet HTML 96Page - Micronas MSP3450G Datasheet HTML 97Page - Micronas MSP3450G Datasheet HTML 98Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 106 page
background image
MSP 34x0G
DATA SHEET
94
May 27, 2003; 6251-476-1DS
Micronas
Table 6–12: Control word ‘MODE_REG’; reset status: all bits are “0”
MODE_REG 00 83hex
Automatic setting by
STANDARD SELECT Register
Bit
Function
Comment
Definition
2 - 5
8, A, B
9
[0]
not used
0 : must be used
0
0
0
[1]
DCTR_TRI
Digital control out
0/1 tri-state
0 : active
1 : tri-state
XX
X
[2]
I2S_TRI
I2S outputs tri-state
(I2S_CL, I2S_WS,
I2S_DA_OUT)
0 : active
1 : tri-state
XX
X
[3]
I2S Mode1)
Master/Slave mode
of the I2S bus
0 : Master
1 : Slave
XX
X
[4]
I2S_WS Mode
WS due to the Sony or
Philips-Format
0 : Sony
1 : Philips
XX
X
[5]
Audio_CL_OUT
Switch
Audio_Clock_Output
to tri-state
0 : on
1 : tri-state
XX
X
[6]
NICAM1)
Mode of MSP-Ch1
0 : FM
1 : Nicam
01
1
[7]
not used
0 : must be used
0
0
0
[8]
FM AM
Mode of MSP-Ch2
0 : FM
1 : AM
00
1
[9]
HDEV
High Deviation Mode
(channel matrix must be
sound A)
0 : normal
1 : high deviation mode
00
0
[11:10]
not used
0 : must be used
0
0
0
[12]
MSP-Ch1 Gain
see also Table 6–14
0 : Gain = 6 dB
1 : Gain = 0 dB
00
0
[13]
FIR1-Filter
Coeff. Set
see also Table 6–14
0 : use FIR1
1 : use FIR2
10
0
[14]
ADR
Mode of MSP Ch1/
ADR-Interface
0 : normal mode/tri-state
1 : ADR-mode/active
00
0
[15]
AM-Gain
Gain for AM
Demodulation
0 : 0 dB (default. of MSPB)
1 :12 dB (recommended)
11
1
1) NICAM and I2S-Slave mode are not allowed simultaneously
X: not affected by
STANDARD SELECT register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com