| Electronic Components Datasheet Search |
|
MSP3450G Datasheet(PDF) 13 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MSP3450G Datasheet(HTML) 13 Page - Micronas |
|
13 / 106 page ![]() DATA SHEET MSP 34x0G Micronas May 27, 2003; 6251-476-1DS 13 2.4. Source Selection and Output Channel Matrix The Source Selector makes it possible to distribute all source signals (one of the demodulator source chan- nels, SCART, or I2S input) to the desired output chan- nels (loudspeaker, headphone, etc.). All input and out- put signals can be processed simultaneously. Each source channel is identified by a unique source address. For each output channel, the sound mode can be set to sound A, sound B, stereo, or mono by means of the output channel matrix. If Automatic Sound Select is on, the output channel matrix can stay fixed to stereo (transparent) for demodulated signals. 2.5. Audio Baseband Processing 2.5.1. SRS WOW License Notice: SRS, SRS WOW, and the SRS Logo are trademarks of SRS Labs, Inc. A license from SRS Labs, Inc. is required before an SRS-version of the MSP 34x0G can be purchased. SRS Labs’ WOW technology enlarges the sound image field and improves the bass performance of television speakers. Manufacturers can save costs by licensing WOW while utilizing smaller speakers and still provide a higher quality audio experience. WOW consists of three sections: – Clarity Improvement, –3D-Audio (SRS, Sound Retrieval System), and – Bass Enhancement (TruBass). Key features of WOW include: – Wider and taller sound image field – Larger sweet spot – Deep, rich bass tones – Quality improvements to audio listening experience – Improved clarity of speech All MSP 34x0G are shipped without SRS except other- wise ordered. When an SRS-version of MSP 34x0G is ordered, it carries a special marking on the chip for identification. The SRS WOW functionality must be enabled by writing a "license key" into the MSP 34x0G. For information on how to obtain this license key from Micronas, please contact your Micro- nas sales representative. 2.5.2. BBE High Definition Sound License Notice: BBE is a registered trademark of BBE Sound Inc., the BBE Logo is a trademark of BBE Sound Inc. A license from BBE Sound Inc. is required before a BBE-version of the MSP 34x0G can be pur- chased. BBE High Definition Sound or, also called, Sonic Maxi- mizer technology improves the clarity of music when played back via loudspeakers. A more “life like” feeling is created by BBE. The BBE-approved Micronas implementation works in the digital domain and thus needs no external components and does not suffer from tolerances and aging effects. All MSP 34x0G are shipped without BBE except other- wise ordered. When a BBE-version of the MSP 34x0G is ordered, it carries a special marking on the chip for identification. The BBE Sonic Maximizer functionality must be enabled by writing a "license key" into the MSP 34x0G. For information on how to obtain this license key from Micronas, please contact your Micro- nas sales representative. 2.5.3. Micronas VOICE Micronas VOICE was developed to add the following improvements to speech signals: – Increase speech signal over background noise to increase intelligibility in noisy environments – Move voice to the foreground, closer to the listener, while other sounds are moved to the back – Improve voices that are hard to understand, leave clear voices largely undisturbed Micronas VOICE dynamically enhances those portions of speech that are important for intelligibility while at the same time decreasing portions of the signal that disturb intelligibility. The average amplitude of the sig- nal is not changed. According to speech theory, there are two main effects that affect the intelligibility of speech. Micronas VOICE combines both effects to achieve a maximum enhancement of intelligibility. – Forward and backward masking: For intelligibility, consonants are more important than vowels, but the amplitude of consonants is much lower than that of vowels. The consonants are masked by the vowels. Therefore, the amplitude of consonants is increased and the amplitude of vowels decreased. – Phonemes and formants: Most important for intelli- gibility are the second to fourth formants of speech. These formants are detected and increased, while other parts of the signal are decreased. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |