Electronic Components Datasheet Search
  English  ▼

X  

MSP3450G Datasheet(PDF) 89 Page - Micronas

Part # MSP3450G
Description  Multistandard Sound Processor Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3450G Datasheet(HTML) 89 Page - Micronas

Back Button MSP3450G Datasheet HTML 85Page - Micronas MSP3450G Datasheet HTML 86Page - Micronas MSP3450G Datasheet HTML 87Page - Micronas MSP3450G Datasheet HTML 88Page - Micronas MSP3450G Datasheet HTML 89Page - Micronas MSP3450G Datasheet HTML 90Page - Micronas MSP3450G Datasheet HTML 91Page - Micronas MSP3450G Datasheet HTML 92Page - Micronas MSP3450G Datasheet HTML 93Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 106 page
background image
DATA SHEET
MSP 34x0G
Micronas
May 27, 2003; 6251-476-1DS
89
6.3. Manual/Compatibility Mode:
Description of Demodulator Write Registers
6.3.1. Automatic Switching between NICAM and
Analog Sound
In case of bad NICAM reception or loss of the
NICAM-carrier, the MSP 34x0G offers an Automatic
Switching (fall back) to the analog sound (FM/AM-
mono), without the necessity for the controller of reading
and evaluating any parameters. If a proper NICAM sig-
nal returns, switching back to this source is performed
automatically as well. The feature evaluates the NICAM
ERROR_RATE and switches, if necessary, all output
channels which are assigned to the NICAM-source, to
the analog source, and vice versa.
An appropriate hysteresis algorithm avoids oscillating
effects (see Fig. 6–1). STATUS[9] and C_AD_BITS[11]
(Address: 0023hex) provide information about the actual
NICAM-FM/AM-status.
Fig. 6–1: Hysteresis for Automatic Switching
6.3.1.1. Function in Automatic Sound Select Mode
The Automatic Sound Select feature (MODUS[0]=1)
includes the procedure mentioned above. By default, the
internal ERROR_RATE threshold is set to 700dec. i.e.:
–NICAM
→ analog Sound if ERROR_RATE > 700
– analog Sound
→ NICAM if ERROR_RATE < 700/2
The ERROR_RATE value of 700 corresponds to a
BER of approximately 5.46*10-3 /s.
Individual configuration of the threshold can be done
using Table 6–5. However, the internal setting used by
the standard selection is recommended.
The optimum NICAM sound can be assigned to the
MSP output channels by selecting one of the “Stereo
or A/B”, “Stereo or A”, or “Stereo or B” source chan-
nels
6.3.1.2. Function in Manual Mode
If the manual mode (MODUS[0]=0) is required, the
activation and configuration of the Automatic Switching
feature has to be done as described in Table 6–6. Note
that the channel matrix of the corresponding out-
put-channels
must
be
set
according
to
the
NICAM-mode and need not to be changed in the FM/
AM-fallback case.
Example:
Required threshold = 500: bits[10:1] = 00 1111 1010
ERROR_RATE
Selected Sound
NICAM
analog
sound
threshold
threshold/2
Table 6–5: Coding of Automatic NICAM/Analog Sound Switching;
Automatic Sound Select is on (MODUS[0] = 1)
Mode
Description
AUTO_FM [11:0]
Addr. = 00 21hex
ERROR_RATE-
Threshold/dec
Source Select:
Input at NICAM Path1)
1
Default
Automatic Switching with
internal threshold
bit[11:0] = 0
700
NICAM or FM/AM,
depending on
ERROR_RATE
2
Automatic Switching with
external threshold
(Customizing of Automatic
Sound Select)
bit[11]
= 0
bit[10:1] = 25...1000
= threshold/2
bit[0]
= 1
set by customer;
recommended
range: 50...2000
3
Forced Analog Mono
bit[11]
= 1
bit[10:1] = ignored
bit[0]
= 1
always FM/AM
1) The NICAM path may be assigned to “Stereo or A/B”, “Stereo or A”, or “Stereo or B” source channels
(see Table 2–2 on page 12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com