Electronic Components Datasheet Search
  English  ▼

X  

AD1836AAS Datasheet(PDF) 10 Page - Analog Devices

Part # AD1836AAS
Description  Multichannel 96 kHz Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836AAS Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1836AAS Datasheet HTML 6Page - Analog Devices AD1836AAS Datasheet HTML 7Page - Analog Devices AD1836AAS Datasheet HTML 8Page - Analog Devices AD1836AAS Datasheet HTML 9Page - Analog Devices AD1836AAS Datasheet HTML 10Page - Analog Devices AD1836AAS Datasheet HTML 11Page - Analog Devices AD1836AAS Datasheet HTML 12Page - Analog Devices AD1836AAS Datasheet HTML 13Page - Analog Devices AD1836AAS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD1836A
Pin No.
In/Out
Mnemonic
Description
27
I
ADC2INRP/CAPR2
ADC2 Right Positive Input (Direct Mode)/ADC2 Right Decoupling Capacitor
(MUX/PGA and PGA Differential Mode).
28
I
AGND
Analog Ground.
29
I
AGND
Analog Ground.
30
O
OUTRN1
DAC 1 Right Negative Output.
31
O
OUTRP1
DAC 1 Right Positive Output.
32
O
OUTRN2
DAC 2 Right Negative Output.
33
O
OUTRP2
DAC 2 Right Positive Output.
34
O
OUTRN3
DAC 3 Right Negative Output.
35
O
OUTRP3
DAC 3 Right Positive Output.
36
I/O
DLRCLK
LR Clock for DACs.
37
I/O
DBCLK
Bit Clock for DACs.
38
I
DSDATA1
DAC Input 1 (Input to DAC 1 L and R).
39
I
DGND
Digital Ground.
40
I
DVDD
Digital Power Supply. Connect to digital 5 V supply.
41
I
DSDATA2
DAC Input 2 (Input to DAC 2 L and R).
42
I
DSDATA3
DAC Input 3 (Input to DAC 3 L and R).
43
O
ABCLK
Bit Clock for ADCs.
44
O
ALRCLK
LR Clock for ADCs.
45
I
MCLK
Master Clock Input.
46
I
ODVDD
Digital Output Driver Power Supply. Connect to 3.3 V or 5 V logic supply.
47
O
ASDATA1
ADC Serial Data Output 1 (ADC 1 L and R).
48
O
ASDATA2
ADC Serial Data Output 2 (ADC 2 L and R).
49
O
COUT
Output for Control Data.
50
I
CLATCH
Latch Input for Control Data.
51
I
CCLK
Control Clock Input for Control Data.
52
I
DGND
Digital Ground.
Rev. 0 | Page 10 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com