Electronic Components Datasheet Search
  English  ▼

X  

AD1836AAS Datasheet(PDF) 18 Page - Analog Devices

Part # AD1836AAS
Description  Multichannel 96 kHz Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836AAS Datasheet(HTML) 18 Page - Analog Devices

Back Button AD1836AAS Datasheet HTML 14Page - Analog Devices AD1836AAS Datasheet HTML 15Page - Analog Devices AD1836AAS Datasheet HTML 16Page - Analog Devices AD1836AAS Datasheet HTML 17Page - Analog Devices AD1836AAS Datasheet HTML 18Page - Analog Devices AD1836AAS Datasheet HTML 19Page - Analog Devices AD1836AAS Datasheet HTML 20Page - Analog Devices AD1836AAS Datasheet HTML 21Page - Analog Devices AD1836AAS Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD1836A
Table 11. Pin Function Changes in AUX Mode
Pin Name (I2S/AUX Mode)
I2S Mode
AUX Mode
ASDATA1(O)
I2S Data Out, Internal ADC1
TDM Data Out, to SHARC
ASDATA2(O)/DAUXDATA(O)
I2S Data Out, Internal ADC2
AUX—I2S Data Out (to External DAC)
DSDATA1(I)
I2S Data In, Internal DAC1
TDM Data In, from SHARC
DSDATA2(I)/AAUXDATA(I)
I2S Data In, Internal DAC2
AUX—I2S Data In 1 (to External ADC)
DSDATA3(I)/AAUXDATA2(I)
I2S Data In, Internal DAC3
AUX—I2S Data In 2 (to External ADC)
ALRCLK(O)
LRCLK for Internal ADC1, ADC2
TDM Frame Sync Out, to SHARC
ABCLK(O)
BCLK for Internal ADC1, ADC2
TDM BCKL Out, to SHARC
DLRCLK(I)/AUXLRCLK(I/O)
LRCLK In/Out Internal DACs
AUX LRCLK In/Out, Driven by External IRCLK from ADC (in slave mode).
In master mode, driven by internal MCLK/512.
DBCLK(I)/AUXBCLK(I/O)
BCLK In/Out Internal DACs
AUX BCLK In/Out, Driven by External BCLK from ADC (in slave mode).
In master mode, driven by internal MCLK/8.
AUXDATA1
ASDATA2/DAUXDATA
DATA TO EXT DAC
BCLK AND LRCLK FOR
EXT DAC COMES FROM
ADC BCLK, LRCLK.
MUST BE IN I2S MODE.
ADC
SYNC SIGNAL DERIVED FROM AUXLRCLK USED TO
RESET INTERNAL ADC COUNTER
ASDATA1
AUXDATA
I2S FORMATTER
MUX
AUXLRCLK
2 AUX
CHANNELS
6-CH
DAC
6 MAIN
CHANNELS
DAC
SPORT
DSDATA1
DSDATA2
DSDATA3
LRCLK
BCLK
SPORT
SYNC
4 ADCS
AUXBCLK
AUXLRCLK
AUXDATA2
I2S
DECODE
LRCLK
ABCLK
ASDATA1
ALRCLK
ABCLK
ASDATA1
DATA TO SHARC
INDICATES MUX POSITION FOR AUX-TDM MODE
MASTER/SLAVE MODE,
FROM ADC SPI PORT
FROM SHARC
FROM EXT A/D
FROM EXT A/D
DSDATA1
DSDATA2/AUXDATA1
DSDATA3/AUXDATA2
DLRCLK/AUXLRCLK
MCLK
TIMING GEN
LRCLK BCLK
DBCLK/AUXBCLK
MUX
AUXBCLK
MUX
I2S
Figure 12. Extended TDM Mode (Internal Flow Diagram)
Rev. 0 | Page 18 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com