Electronic Components Datasheet Search
  English  ▼

X  

AD1836AAS Datasheet(PDF) 20 Page - Analog Devices

Part # AD1836AAS
Description  Multichannel 96 kHz Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836AAS Datasheet(HTML) 20 Page - Analog Devices

Back Button AD1836AAS Datasheet HTML 16Page - Analog Devices AD1836AAS Datasheet HTML 17Page - Analog Devices AD1836AAS Datasheet HTML 18Page - Analog Devices AD1836AAS Datasheet HTML 19Page - Analog Devices AD1836AAS Datasheet HTML 20Page - Analog Devices AD1836AAS Datasheet HTML 21Page - Analog Devices AD1836AAS Datasheet HTML 22Page - Analog Devices AD1836AAS Datasheet HTML 23Page - Analog Devices AD1836AAS Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD1836A
Table 15. DAC Control Register 2
DAC Mute
Address
RD/WR
Reserved
DAC3R
DAC3L
DAC2R
DAC2L
DAC1R
DAC1L
15, 14, 13, 12
11
10, 9, 8, 7, 6
5
4
3
2
1
0
0001
0
00000
0 = On
1 = Mute
0 = On
1 = Mute
0 = On
1 = Mute
0 = On
1 = Mute
0 = On
1 = Mute
0 = On
1 = Mute
Table 16. DAC Volume Registers
Function
Address
RD/WR
Reserved
Volume
15, 14, 13, 12
11
10
9:0
0010: DAC1L
0011: DAC1R
0100: DAC2L
0101: DAC2R
0110: DAC3L
0111: DAC3R
0
0
0 to 1023 in 1024 Linear Steps
Table 17. ADC Control Register 1
Function
Address
RD/WR
Reserved
Filter
Power-Down
Sample Rate
Left Gain
Right Gain
15, 14, 13, 12
11
10, 9
8
7
6
5, 4, 3
2, 1, 0
1100
0
00
0 = DC
1 = High Pass
0 = Normal
1 = PWRDWN
0 = 48 kHz
1 = 96 kHz
000 = 0 dB
001 = 3 dB
010 = 6 dB
011 = 9 dB
100 = 12 dB
101 = Reserved
110 = Reserved
111 = Reserved
000 = 0 dB
001 = 3 dB
010 = 6 dB
011 = 9 dB
100 = 12 dB
101 = Reserved
110 = Reserved
111 = Reserved
Table 18. ADC Control Register 2
Packed Mode: Eight channels are “packed” in ASDATA1 serial output. Packed Mode 128: Refer to Figure 5. Packed Mode 256: Refer to Figure 6.
Packed Mode AUX: Refer to Figure 9 to Figure 11. Note that Packed AUX mode affects the entire chip, including the DAC serial mode.
ADC Mute
Address
RD/WR
Reserved
Master/Slave
AUX Mode
SOUT Mode
Word Width
ADC2R
ADC2L
ADC1R
ADC1L
15, 14, 13, 12
11
10
9
8, 7, 6
5, 4
3
2
1
0
1101
0
0
0 = Slave
1 = Master
000 = I2S
001 = RJ
010 = DSP
011 = LJ
100 = Packed Mode 256
101 = Packed Mode 128
110 = Packed Mode AUX
00 = 24 Bits
01 = 20 Bits
10 = 16 Bits
11 = Reserved
0 = On
1 = Mute
0 = On
1 = Mute
0 = On
1 = Mute
0 = On
1 = Mute
Rev. 0 | Page 20 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com