Electronic Components Datasheet Search
  English  ▼

X  

AD1836AAS Datasheet(PDF) 15 Page - Analog Devices

Part # AD1836AAS
Description  Multichannel 96 kHz Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836AAS Datasheet(HTML) 15 Page - Analog Devices

Back Button AD1836AAS Datasheet HTML 11Page - Analog Devices AD1836AAS Datasheet HTML 12Page - Analog Devices AD1836AAS Datasheet HTML 13Page - Analog Devices AD1836AAS Datasheet HTML 14Page - Analog Devices AD1836AAS Datasheet HTML 15Page - Analog Devices AD1836AAS Datasheet HTML 16Page - Analog Devices AD1836AAS Datasheet HTML 17Page - Analog Devices AD1836AAS Datasheet HTML 18Page - Analog Devices AD1836AAS Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD1836A
Rev. 0 | Page 15 of 24
LRCLK
BCLK
DATA
SLOT 1
LEFT 0
SLOT 2
LEFT 1
SLOT 3
RIGHT 0
SLOT 4
RIGHT 1
MSB
MSB–1
MSB–2
LRCLK
BCLK
DATA
32 BCLKs
128 BCLKs
Figure 5. ADC Packed Mode 128
LRCLK
BCLK
DATA
SLOT 1
LEFT 0
SLOT 2
LEFT 1
SLOT 5
RIGHT 0
SLOT 6
RIGHT 1
32 BCLKs
MSB
MSB–1
MSB–2
256 BCLKs
SLOT 3
SLOT 4
SLOT 7
SLOT 8
LRCLK
BCLK
DATA
Figure 6. ADC Packed Mode 256
LRCLK
BCLK
DATA
SLOT 1
LEFT 0
SLOT 2
LEFT 1
MSB
MSB–1
MSB–2
20 BCLKs
SLOT 4
RIGHT 0
SLOT 5
RIGHT 1
SLOT 3
LEFT 2
SLOT 6
RIGHT 2
LRCLK
BCLK
DATA
128 BCLKs
Figure 7. DAC Packed Mode 128
LRCLK
BCLK
DATA
SLOT 1
LEFT 0
SLOT 2
LEFT 1
MSB
MSB–1
MSB–2
32 BCLKs
SLOT 4
RIGHT 0
SLOT 5
RIGHT 1
SLOT 3
LEFT 2
SLOT 6
RIGHT 2
LRCLK
BCLK
DATA
256 BCLKs
Figure 8. DAC Packed Mode 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com