Electronic Components Datasheet Search
  English  ▼

X  

IRF730 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # IRF730
Description  6.0A, 400V, 1.0廓 N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

IRF730 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  IRF730 Datasheet HTML 1Page - First Silicon Co., Ltd IRF730 Datasheet HTML 2Page - First Silicon Co., Ltd IRF730 Datasheet HTML 3Page - First Silicon Co., Ltd IRF730 Datasheet HTML 4Page - First Silicon Co., Ltd IRF730 Datasheet HTML 5Page - First Silicon Co., Ltd IRF730 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TEST CIRCUITS AND WAVEFORMS
VDS
L
VDD
D.U.T.
IAS
0.01
RG
Figure 1B. Unclamped Energy Waveforms
Figure 1A. Unclamped Energy Test Circuit
0
tp
BVDSS
IAS
tAV
VDS
VDD
Figure 2A. Switching Time Test Circuit
tD(OFF) tF
90%
50%
50%
VGS
0
0
VDS
tD(ON)
90%
tR
10%
10%
Figure 2B. Resistive Switching Waveforms
D.U.T.
RG
VGS
RL
VDD
tON
PULSE WIDTH
tOFF
DUT
G
D
VDS
(ISOLATED
SUPPLY)
SAME TYPE
AS DUT
CURRENT
REGULATOR
IG CURRENT
SAMPLING
RESISTOR
ID CURRENT
SAMPLING
RESISTOR
0
S
0.3 F
0.2 F
12V
BATTERY
50k
0
IG(REF)
Figure 3A. Gate Charge Test Circuit
0
VDD
QGS
QGD
QG(TOT)
VGS
VDS
IG(REF)
Figure 3B. Gate Charge Waveforms
MOSFET
2014. 12. 18
4/6
IRF730/F
Revision No : 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com