Electronic Components Datasheet Search
  English  ▼

X  

IRF730 Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # IRF730
Description  6.0A, 400V, 1.0廓 N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

IRF730 Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  IRF730 Datasheet HTML 1Page - First Silicon Co., Ltd IRF730 Datasheet HTML 2Page - First Silicon Co., Ltd IRF730 Datasheet HTML 3Page - First Silicon Co., Ltd IRF730 Datasheet HTML 4Page - First Silicon Co., Ltd IRF730 Datasheet HTML 5Page - First Silicon Co., Ltd IRF730 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TYPICAL PERFORMANCE CUVES
Capacitancevs. Drain to Source Voltage
Drain to Source Voltage, VDS (V)
0
1
300
600
1500
10
CISS
100
VGS=0V, f=1MHz
CISS=CGS+CGD
CRSS =CGD
COSS
CDS+CGD
COSS
CRSS
1200
900
Drain Current , ID (A)
4
6
10
Transconductancevs. Drain Current
0
8
2
0
2
4
6
8
TJ=25 C
10
Pulse Duration= 80μs
Duty Cycle = 0.5% Max
TJ=150 C
100
10
Source to Drain Voltage, VSD (V)
Source to Drain DiodeVoltage
0
0.1
2.0
0.4
0.8
1.2
1.6
Pulse Duration= 80μs
Duty Cycle = 0.5% Max
1
Gate to Source Voltagevs. Gate Charge
Gate Charge, QG (nC)
24
40
0
32
8
0
4
8
12
16
20
VDS=320V
16
ID=5.5A
VDS=200V
VDS=80V
TJ=150 C
TJ=25 C
MOSFET
2014. 12. 18
6/6
IRF730/F
Revision No : 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com