Electronic Components Datasheet Search
  English  ▼

X  

IRF730 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # IRF730
Description  6.0A, 400V, 1.0廓 N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

IRF730 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  IRF730 Datasheet HTML 1Page - First Silicon Co., Ltd IRF730 Datasheet HTML 2Page - First Silicon Co., Ltd IRF730 Datasheet HTML 3Page - First Silicon Co., Ltd IRF730 Datasheet HTML 4Page - First Silicon Co., Ltd IRF730 Datasheet HTML 5Page - First Silicon Co., Ltd IRF730 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOSFET
2014. 12. 18
3/6
IRF730/F
Revision No : 0
ELECTRICAL CHARACTERISTICS(Cont.)
VSD
TJ = 25°C, ISD =5.5A, VGS = 0V
1.6
V
IS
5.5
A
ISM
22
A
tRR
270
ns
QRR
TJ = 25°C, ISD =3.5A,
dlSD/dt ==100 A/µs
1.8
µC
Note:
1. Pulse Test: Pulse width ≤ 300μs, Duty cycle ≤ 2%
2. Repetitive rating: Pulse width limited by maximum junction temperature.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
UNIT
SOURCE TO DRAIN DIODE SPECIFICATIONS
Source to Drain Diode Voltage (Note 1)
Continuous Source to Drain Current
Pulse Source to Drain Current(Note 2)
Reverse Recovery Time
Reverse Recovery Charge
MAX



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com