Electronic Components Datasheet Search
  English  ▼

X  

SN74LS228 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LS228
Description  16 x 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH OPEN-COLLECTOR OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS228 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LS228 Datasheet HTML 1Page - Texas Instruments SN74LS228 Datasheet HTML 2Page - Texas Instruments SN74LS228 Datasheet HTML 3Page - Texas Instruments SN74LS228 Datasheet HTML 4Page - Texas Instruments SN74LS228 Datasheet HTML 5Page - Texas Instruments SN74LS228 Datasheet HTML 6Page - Texas Instruments SN74LS228 Datasheet HTML 7Page - Texas Instruments SN74LS228 Datasheet HTML 8Page - Texas Instruments SN74LS228 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN74LS228
16
× 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
WITH OPEN-COLLECTOR OUTPUTS
SDLS024 – JANUARY 1991 – REVISED SEPTEMBER 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
10–5
timing diagram
Invalid
W1
W2
W1
W2
W15
W16
Invalid
Word 1
Word 2
Word 1
Word 2
CLR
LDCK
IR
UNCK
D0 – D3
OR
Q0 – Q3
Load
Two Words
Unload
Two Words
Load Until Full
Unload
Initialize
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Off-state output voltage, VO
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 70°
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com