Electronic Components Datasheet Search
  English  ▼

X  

WM15 Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # WM15
Description  Power analyzer for three-phase systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM15 Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  WM15 Datasheet HTML 1Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 2Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 3Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 4Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 5Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 6Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 7Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 8Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Carlo Gavazzi Controls S.p.A.
WM15
WM15 DS ENG
26/01/2021
Power analyzer for three-phase systems
Description
WM15 is a power analyzer for single-, two- and
three-phase systems.
Depending on the model, WM15 is equipped with a
static output (pulse or alarm) or with a static output
and a Modbus RTU communication port.
The self-powered version can be installed on
systems up to 415 V L-L (400 V L-L for MID
models), while the version with auxiliary power
supply can be installed on systems up to 600 V
L-L.
In combination with VMUBM2US1B1C, collected
data can be transmitted via M-Bus.
Benefits
•
Enhanced readability. The backlit graphical display
allows the size of the digits to be adapted to the displayed
variable. The instantaneous values of the current are
also shown by a bar graph to have the plant situation at
a glance.
•
Easy navigation. The setup and navigation of the
pages are very intuitive thanks to the user interface
with 4 mechanical push buttons. In addition, the
slideshow function automatically displays the desired
measurements in sequence without having to use the
keypad.
•
Quick setup. Wizard and wiring correction on first
startup, UCS mobile app for setup via OptoProg and
optical port are some of the advantages allowing a quick,
guided and errorless installations and commissioning.
UCS software is available for free download.
•
Accurate measurement. It is compliant with the
international accuracy standard IEC/EN62053-21, and
the IEC/EN61557-12 performance requirements (active
power and active energy).
•
Fiscal metrology. WM15 configuration access can be
locked and terminals can be sealed in case of a MID
certified model for fiscal metering.
•
Installation flexibility. WM15 is suitable for single-
phase, two-phase, three-phase and wild-leg systems
with different voltage levels and grid frequencies used
worldwide.
Applications
WM15 can be installed in any switchboard to control energy consumption, main electrical variables and
harmonic distortion.
In panel boards, where typically three analogical ammeters are installed to give a visual feedback of the
system status, WM15 provides the same information on the matrix display by means of the bar graphs.
When used to monitor a single machine, WM15 relates the energy consumption with the operating hours
to schedule maintenance and detect faults. Moreover, the reset of partial counters allows to monitor each
machine cycle.
Thanks to the MID certification, it can also be used for fiscal metrology.
Main functions
• Measure main electrical variables and voltage and current harmonic distortions


Similar Part No. - WM15

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
WM1002 MOLEX1-WM1002 Datasheet
141Kb / 3P
1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1854, Male, with Tin (Sn) Plated Brass Contact, 24-30 AWG, Reel
WM1002-ND MOLEX1-WM1002-ND Datasheet
141Kb / 3P
1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1854, Male, with Tin (Sn) Plated Brass Contact, 24-30 AWG, Reel
WM1003 MOLEX1-WM1003 Datasheet
145Kb / 3P
1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1855, Female, with 0.38關m (15關") Gold (Au) Plated Brass Contact, 24-30 AWG, Bag
WM1003-ND MOLEX1-WM1003-ND Datasheet
145Kb / 3P
1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1855, Female, with 0.38關m (15關") Gold (Au) Plated Brass Contact, 24-30 AWG, Bag
WM1004 MOLEX1-WM1004 Datasheet
116Kb / 2P
1.57mm (.062") Diameter, Standard .062" Pin and Socket PC Tail Terminal, Series 1778, Male, with Tin (Sn) Plated Brass Contact, Bag
More results

Similar Description - WM15

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3834F ROHM-BA3834F Datasheet
273Kb / 6P
Band-pass filter for spectrum analyzer for car audio systems
BA3835F ROHM-BA3835F Datasheet
261Kb / 6P
Band-pass filter for spectrum analyzer for car audio systems
logo
Extech Instruments Corp...
382090 EXTECH-382090 Datasheet
296Kb / 1P
1000A 3-Phase Power Analyzer/Datalogger
382100 EXTECH-382100 Datasheet
325Kb / 1P
1200A 3-Phase Power Analyzer/Datalogger
382100 EXTECH-382100_15 Datasheet
325Kb / 1P
1200A 3-Phase Power Analyzer/Datalogger
PQ3450 EXTECH-PQ3450 Datasheet
478Kb / 1P
3-Phase Power Analyzer/Datalogger
logo
Micro Commercial Compon...
MD100S08M4 MCC-MD100S08M4 Datasheet
587Kb / 4P
Three phase rectifiers for power supplies
logo
TEKTRONIX, INC.
PA1000 TEKTRONIX-PA1000 Datasheet
1Mb / 8P
Single Phase AC Power Analyzer Datasheet
logo
Carlo Gavazzi Holding A...
EM24 CARLOGAVAZZI-EM24 Datasheet
1Mb / 25P
Energy analyzer for three-phase systems
WM20 CARLOGAVAZZI-WM20 Datasheet
4Mb / 26P
Power analyzer for three-phase systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com