Electronic Components Datasheet Search
  English  ▼

X  

WM15 Datasheet(PDF) 7 Page - Carlo Gavazzi Holding AG

Part # WM15
Description  Power analyzer for three-phase systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM15 Datasheet(HTML) 7 Page - Carlo Gavazzi Holding AG

Back Button WM15 Datasheet HTML 3Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 4Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 5Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 6Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 7Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 8Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 9Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 10Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 11Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Carlo Gavazzi Controls S.p.A.
WM15
WM15 DS ENG
26/01/2021
Input and output insulation
Type
Power supply (H)
[kV]
Measurement inputs
[kV]
Digital output [kV]
RS485 serial port
[kV]
Power supply (H)
-
Base (AV5 3H)
Double/Reinforced
Double/Reinforced
Measurement inputs
Base (AV5 3H)
-
Double/Reinforced
Double/Reinforced
Digital output
Double/Reinforced
Double/Reinforced
-
Functional (100 V ac/
dc)
RS485 serial port
Double/Reinforced
Double/Reinforced
Functional (100 V ac/
dc)
-
According to: EN 61010-1, EN 50470-1 (MID). Overvoltage category III. Pollution degree 2.
Compatibility and conformity
Directives
2014/32/EU (MID)
2014/35/EU (LVT - Low Voltage)
2014/30/EU (EMC - Electro Magnetic Compatibility)
2011/65/EU (Electric-electronic equipment hazardous substances)
Standards
Electromagnetic compatibility (EMC) - emissions and immunity: EN 62052-11; EN 50470-1 (MID)
Electrical safety: EN 61010-1, EN 50470-1 (MID)
Metrology: EN62053-21, EN62053-23, IEC61557-12, EN 50470-3 (MID), IEC/EN61557-12 (active
power and active energy, MID models only)
Pulse output: IEC 62053-31
Approvals
Electrical specifications
Electrical system
Managed electrical system
Single-phase (2-wire)
Two-phase (3-wire)
Three-phase with neutral (4-wire)
Three-phase without neutral (3-wire)
Wild leg system (three-phase, four-wire delta)
MID managed electrical system Three-phase with neutral (4-wire)
Three-phase without neutral (3-wire) (ARON)
Voltage inputs - MID
Voltage connection
Direct
Rated voltage L-N
230 V
Rated voltage L-L
400 V
Voltage tolerance
From 0.8 to 1.15 Un
Overload
Continuous: 1.5 Un max
Input impedance
Refer to “Power supply”
Frequency
50 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com