Electronic Components Datasheet Search
  English  ▼

X  

WM15 Datasheet(PDF) 6 Page - Carlo Gavazzi Holding AG

Part # WM15
Description  Power analyzer for three-phase systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM15 Datasheet(HTML) 6 Page - Carlo Gavazzi Holding AG

Back Button WM15 Datasheet HTML 2Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 3Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 4Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 5Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 6Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 7Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 8Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 9Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 10Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Carlo Gavazzi Controls S.p.A.
WM15
WM15 DS ENG
26/01/2021
Features
General
Material
Housing: PC/ABS (UL94 V1)
Transparent cover: PC (UL94 V2)
Protection degree
Front: IP51
Terminals: IP20
Terminals
Screw fixed terminal block, min:0.05; max: 2.5 mm2
Overvoltage category
Cat. III
Pollution degree
2
Mounting
Panel 96 x 96
Weight
280 g
Environmental specifications
Operating temperature
From -25 to +55 °C/from -13 to +131 °F
Storage temperature
From -25 to +70 °C/from -13 to 158 °F
Electromechanical environ-
mental condition
E2
Mechanical environmental
condition
M2
NOTE: R.H. < 90 % non-condensing @ 40 °C / 104 °F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com