Electronic Components Datasheet Search
  English  ▼

X  

WM15 Datasheet(PDF) 8 Page - Carlo Gavazzi Holding AG

Part # WM15
Description  Power analyzer for three-phase systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

WM15 Datasheet(HTML) 8 Page - Carlo Gavazzi Holding AG

Back Button WM15 Datasheet HTML 4Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 5Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 6Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 7Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 8Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 9Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 10Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 11Page - Carlo Gavazzi Holding AG WM15 Datasheet HTML 12Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Carlo Gavazzi Controls S.p.A.
WM15
WM15 DS ENG
26/01/2021
Voltage inputs Non MID models
AV5 3X
AV5 3H
Voltage connection
Direct
Rated voltage L-N (from Un min
to Un max)
120 to 240 V
120 to 347 V
Rated voltage L-L (from Un min
to Un max)
208 to 415 V
208 to 600 V
Voltage tolerance
From 0.8 to 1.15 Un
Overload
Continuous: 1.5 Un max
Input impedance
Refer to “Power supply”
>1600 kΩ
Frequency
From 45 to 65 Hz
Note: for MID versions the voltage range is limited to 3x230 (400) V, frequency to 50Hz.
NOTE: WM15 can also be installed in a wild leg system (three phases, four delta wires), where one of the
phase-neutral voltages is higher than the other two.
Fig. 3 AV5 3H
Fig. 4 AV5 3X, AV5 3H
Current inputs
Current connection
Via CT
CT transformation ratio
2000 max
Rated current (In)
5 A
Minimum current (lmin)
0.05 A
Maximum current (lmax)
6 A
Start-up current (lst)
10 mA
Overload
For 500 ms: 20 Imax (120 A)
Input impedance
< 0.2 VA
Crest factor
3
Measurement type
by means of internal shunts non mutually insulated (AV5 3X)
by means of internal CT (AV5 3H)
Power supply
AV5 3X
AV5 3H
Type
Self power supply
Auxiliary power supply from 120 to 240
V ac/dc
Frequency
50/60 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com