Electronic Components Datasheet Search
  English  ▼

X  

LDW43 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LDW43
Description  Commom Mode Choke
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LDW43 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LDW43 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
■
Dimensions
■
Recommended Land Pattern
unit:mm
■
Electrical Characteristics
Inductance
Test
Freq.
Test
Freq.
RDC
Irms
Rated
Voltage
Insulation
Resistance
Tolerance
(uH)
(kHz)
(Ω)Min. (Ω)Typ.
(MHz) (Ω)Max. (mA)Max(Vdc)Max. (MΩ)Min.
(±%)
LDW43T-113T
11
100
300
600
10
0.6
250
50
10
30
LDW43T-223T
22
100
500
1200
10
1
200
50
10
30
LDW43T-513T
LDW43T-104T
Note: When ordering, please specify tolerance code. Tolerance: T=±30%
3. Irms for 40℃ rise above 25℃ ambient.
4. Measure Equipment:
Z: HP4286A / HP4287A / AgilentE4991A
L: HP4284A+HP42841A/HP4285A+HP42841A
RDC: CHROMA MILLIOM METER MODE 16502
Irms: HP4284A+HP42841A/HP4285A+HP42841A
Insulation Resistance: HP4339B
Impedance
1. Operating temperature range -40℃~125℃(Including self - temperature rise)
2. RDC: SINGLE WIRE TEST VALUE
unit:mm
Part No.
LDW43 Series
51
100
1000
2800
10
1
200
50
10
30
100
100
2000
5800
10
2
150
50
10
30
Rev :
www.leiditech.com
01.06.2018
2/7
"Please be sure to request approval specifications that provide further details of the products. Kindly note that the
content of these specifications are subject to change or may be discontinued without advance notice.Please
contact our sales department before ordering."



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com